Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9913
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9913 Datasheet HTML 24Page - Analog Devices AD9913 Datasheet HTML 25Page - Analog Devices AD9913 Datasheet HTML 26Page - Analog Devices AD9913 Datasheet HTML 27Page - Analog Devices AD9913 Datasheet HTML 28Page - Analog Devices AD9913 Datasheet HTML 29Page - Analog Devices AD9913 Datasheet HTML 30Page - Analog Devices AD9913 Datasheet HTML 31Page - Analog Devices AD9913 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD9913
Rev. 0 | Page 28 of 32
Bit(s)
Bit Name
Description
00 = In direct switch mode, use this setting for FSK.
In linear sweep mode, the auxiliary accumulator is used for frequency sweeping.
In programmable modulus mode, these bits must be 00.
13:12
Destination
01 = In direct switch mode, use this setting for PSK.
In linear sweep mode, the auxiliary accumulator is used for phase sweeping.
11
Auxiliary Accumulator Enable
0 = auxiliary accumulator is inactive.
1 = auxiliary accumulator is active.
10
DC Output Active
This bit is ignored if linear sweep is disabled (see CFR1 [11]).
0 = normal operating state.
1 = the output of the DAC is driven to full-scale and the DDS output is disabled.
9
Linear Sweep State Trigger
Active
0 = edge triggered mode active.
1 = state triggered mode active.
8
Linear Sweep No-Dwell Active
This bit is ignored if linear sweep is disabled (see CFR1[11]).
0 = when a sweep is completed, the device holds at the final state.
1 = when a sweep is completed, the device reverts to the initial state.
7
External Power-Down Mode
0 = the external power-down mode selected is the fast recovery power-down mode. In this
mode, when the PWR_DWN_CTL input pin is high, the digital logic and the DAC digital
logic are powered down. The DAC bias circuitry, comparator, PLL, oscillator, and clock input
circuitry are not powered down.
1 = the external power-down mode selected is the full power-down mode. In this mode,
when the PWR_DWN_CTL pin is high, all functions are powered down. This includes the
DAC and PLL, which take a significant amount of time to power up.
6
Digital Power-Down
0 = the digital core is enabled for operation.
1 = the digital core is disabled and is in a low power dissipation state.
5
DAC Power-Down
0 = the DAC is enabled for operation.
1 = the DAC is disabled and is in its lowest power dissipation state.
4
Clock Input Power-Down
0 = normal operation.
1 = shut down all clock generation including the system clock signal going into the digital
section.
3
LOAD SRR @ IO_UPDATE
0 = every time the linear sweep rate register is updated, the ramp rate timer keeps its
operation until it times out and then loads the update value into the timer.
1 = the timer is interrupted immediately upon the assertion of IO_UPDATE and the value is
loaded.
2
Autoclear Auxiliary
Accumulator
0 = normal operation.
1 = the auxiliary accumulator is synchronously cleared (zero is loaded) for one cycle upon
receipt of the IO_UPDATE sequence indicator.
1
Autoclear Phase Accumulator
0 = normal operation.
1 = the phase accumulator is synchronously cleared for one cycle upon receipt of the
IO_UPDATE sequence indicator.
0
Enable Sine Output
0 = the angle-to-amplitude conversion logic employs a cosine function.
1 = the angle-to-amplitude conversion logic employs a sine function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com