Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9913
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9913 Datasheet HTML 9Page - Analog Devices AD9913 Datasheet HTML 10Page - Analog Devices AD9913 Datasheet HTML 11Page - Analog Devices AD9913 Datasheet HTML 12Page - Analog Devices AD9913 Datasheet HTML 13Page - Analog Devices AD9913 Datasheet HTML 14Page - Analog Devices AD9913 Datasheet HTML 15Page - Analog Devices AD9913 Datasheet HTML 16Page - Analog Devices AD9913 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD9913
Rev. 0 | Page 13 of 32
AUXILIARY ACCUMULATOR
In addition to the phase accumulator of the DDS, the AD9913
has an auxiliary accumulator. This accumulator can be con-
figured to support either an automatic sweep of one of the
programmable characteristics of the DDS output (frequency or
phase), or it can be configured to implement a change in the
denominator of the frequency equation given in the DDS Core
section. For further details, refer to the Programmable Modulus
Mode section.
10-BIT DAC
The AD9913 incorporates an integrated 10-bit, current output
DAC. The output current is delivered as a balanced signal using
two outputs. The use of balanced outputs reduces the potential
amount of common-mode noise present at the DAC output,
offering the advantage of an increased signal-to-noise ratio. An
external resistor (RSET) connected between the RSET pin and
AGND establishes the reference current. The full-scale output
current of the DAC (IOUT) is produced as a scaled version of the
reference current. The recommended value of RSET is 4.62 kΩ.
The following equation computes the typical full-scale current
with respect to the Rset resistor value and the gain control
setting:
()
x
R
R
x
I
SET
SET
OUT
+
×
=
1
0206
.
0
)
,
(
The DAC is designed to operate with full-scale current values
up to 4.58 mA. Based on the equation and assuming a 4.62 kΩ
resistor value for RSET, and x = 0x1FF, the nominal output
current for the DAC is 2.28 mA.
Figure 17 shows the range of DAC output current vs. the DAC
FS value assuming an RSET value of 4.62 kΩ.
5
0
0
1200
DAC CODE
4
3
2
1
200
400
600
800
1000
Figure 21. DAC Output Current vs. DAC FS Bits
Pay careful attention to the load termination to ensure that the
output voltage remains within the specified compliance range;
voltages developed beyond this range cause excessive distortion
and can damage the DAC output circuitry.
I/O PORT
The AD9913 I/O port can be configured as a synchronous serial
communications port that allows easy interface to many industry-
standard microcontrollers and microprocessors. The serial I/O port
is compatible with most synchronous transfer formats, including
both the Motorola 6905/11 SPI and Intel 8051 SSR protocols. For
faster programming requirements, a parallel mode is also provided.
PROFILE SELECTIONS
The AD9913 supports the use of profiles, which consist of a group
of eight registers containing pertinent operating parameters for
a particular operating mode. Profiles enable rapid switching
between parameter sets. Profile parameters are programmed via
the I/O port. Once programmed, a specific profile is activated
by means of Register CFR1 Bits [22:20], or three external profile
select pins. The external profile pins option is only available in
serial mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com