Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9913
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9913 Datasheet HTML 5Page - Analog Devices AD9913 Datasheet HTML 6Page - Analog Devices AD9913 Datasheet HTML 7Page - Analog Devices AD9913 Datasheet HTML 8Page - Analog Devices AD9913 Datasheet HTML 9Page - Analog Devices AD9913 Datasheet HTML 10Page - Analog Devices AD9913 Datasheet HTML 11Page - Analog Devices AD9913 Datasheet HTML 12Page - Analog Devices AD9913 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9913
Rev. 0 | Page 9 of 32
–50
–90
0
250
SYSTEM CLOCK (MHz)
–55
–60
–65
–70
–75
–80
–85
50
100
150
200
39.88%
26.58%
10.21%
Figure 10. SFDR vs. System Clock Frequency (PLL Bypassed)
–100
–170
10
100M
FREQUENCY (MHz)
–110
–120
–130
–140
–150
–160
100
1k
10k
100k
1M
10M
92.3MHz
48.9MHz
23.1MHz
6.1MHz
Figure 11. Residual Phase Noise vs. fOUT (PLL Bypassed)
−150
−50
100
100M
FREQUENCY (MHz)
1k
10k
100k
1M
10M
−60
−70
−80
−90
−100
−110
−120
−130
−140
99MHz
12.5MHz
49MHz
25MHz
Figure 12. Absolute Phase Noise vs. fOUT Using the Internal PLL
(REF_CLK 25 MHz × 10 = 250 MHz Using PLL)
–50
–90
00
fOUT (% of System Clock)
.45
–55
–60
–65
–70
–75
–80
–85
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
REFSPUR
PLL ×10
BYPASS
Figure 13. SFDR Without the Internal PLL
(REF_CLK = 25 MHz × 10 = 250 MHz Using PLL, 4 mA DAC Full-Scale Current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com