Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39VF3201 Datasheet (PDF) - Silicon Storage Technology, Inc

SST39VF3201 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST39VF3201
Download  SST39VF3201 Download
File Size   496.69 Kbytes
Page   32 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus

SST39VF3201 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST39VF3201 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST39VF3201
Download  SST39VF3201 Click to download

File Size   496.69 Kbytes
Page   32 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus

SST39VF3201 Datasheet (HTML) - Silicon Storage Technology, Inc


SST39VF3201 Product details

PRODUCT DESCRIPTION
The SST39VF160x and SST39VF320x devices are 1M x16 and 2M x16, respectively, CMOS Multi-Purpose Flash Plus (MPF+) manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39VF160x/320x write (Program or Erase) with a 2.7-3.6V power supply. These devices conform to JEDEC standard pinouts for x16 memories.
Featuring high performance Word-Program, the SST39VF160x/320x devices provide a typical Word-Program time of 7 µsec. These devices use Toggle Bit or Data# Polling to indicate the completion of Program operation. To protect against inadvertent write, they have on-chip hardware and Software Data Protection schemes. Designed, manufactured, and tested for a wide spectrum of applications, these devices are offered with a guaranteed typical endurance of 100,000 cycles. Data retention is rated at greater than 100 years.

FEATURES:
• Organized as
   1M x16: SST39VF1601/1602
   2M x16: SST39VF3201/3202
• Single Voltage Read and Write Operations
   – 2.7-3.6V
• Superior Reliability
   – Endurance: 100,000 Cycles (Typical)
   – Greater than 100 years Data Retention
• Low Power Consumption (typical values at 5 MHz)
   – Active Current: 9 mA (typical)
   – Standby Current: 3 µA (typical)
   – Auto Low Power Mode: 3 µA (typical)
• Hardware Block-Protection/WP# Input Pin
   – Top Block-Protection (top 32 KWord)
      for SST39VF1602/3202
   – Bottom Block-Protection (bottom 32 KWord)
      for SST39VF1601/3201
• Sector-Erase Capability
   – Uniform 2 KWord sectors
• Block-Erase Capability
   – Uniform 32 KWord blocks
• Chip-Erase Capability
• Erase-Suspend/Erase-Resume Capabilities
• Hardware Reset Pin (RST#)
• Security-ID Feature
   – SST: 128 bits; User: 128 bits
• Fast Read Access Time:
   – 70 ns
• Latched Address and Data
• Fast Erase and Word-Program:
   – Sector-Erase Time: 18 ms (typical)
   – Block-Erase Time: 18 ms (typical)
   – Chip-Erase Time: 40 ms (typical)
   – Word-Program Time: 7 µs (typical)
• Automatic Write Timing
   – Internal VPP Generation
• End-of-Write Detection
   – Toggle Bits
   – Data# Polling
• CMOS I/O Compatibility
• JEDEC Standard
   – Flash EEPROM Pinouts and command sets
• Packages Available
   – 48-lead TSOP (12mm x 20mm)
   – 48-ball TFBGA (6mm x 8mm)
• All non-Pb (lead-free) devices are RoHS compliant




Similar Part No. - SST39VF3201

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF3201 SST-SST39VF3201 Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF3201-70-4C-B3K SST-SST39VF3201-70-4C-B3K Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF3201-70-4C-B3KE SST-SST39VF3201-70-4C-B3KE Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF3201-70-4C-EK SST-SST39VF3201-70-4C-EK Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF3201-70-4C-EKE SST-SST39VF3201-70-4C-EKE Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
More results


Similar Description - SST39VF3201

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF3201B SST-SST39VF3201B_13 Datasheet
904Kb / 29P
32 Mbit x16 Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
32 Mbit (x16) Multi-Purpose Flash Plus
1/09
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF3201C MICROCHIP-SST39VF3201C_V01 Datasheet
1Mb / 36P
32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com