Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT3DLBBAS Datasheet (PDF) - Infineon Technologies AG

CYT3DLBBAS Datasheet PDF - Infineon Technologies AG
Part # CYT3DLBBAS
Download  CYT3DLBBAS Download
File Size   4066.95 Kbytes
Page   207 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single

CYT3DLBBAS Datasheet (PDF)

Go To PDF Page Download Datasheet
CYT3DLBBAS Datasheet PDF - Infineon Technologies AG

Part # CYT3DLBBAS
Download  CYT3DLBBAS Click to download

File Size   4066.95 Kbytes
Page   207 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single

CYT3DLBBAS Datasheet (HTML) - Infineon Technologies AG


CYT3DLBBAS Product details

Features
• Graphics subsystem
- Supports 2D and 2.5D (perspective warping, 3D effects) graphics rendering
- Internal color resolution
• 40-bit for RGBA (4 × 10-bit)
• 24-bit for RGB (3 × 8-bit)
- 2048 KB of embedded video RAM memory (VRAM)
- Two video output interfaces supporting a display from
• Parallel RGB (max display size: 1600 × 600 at 80 MHz)
• FPD-link single (max display size: 1920 × 720 at 110 MHz)
- One Capture engine for video input processing for ITU 656 or parallel RGB/YUV or MIPI CSI-2 input
• ITU656 (standard camera capture: up to 800 × 480), multiplexed with RGB interface
• RGB (max capture size 1600 × 600 at 80 MHz) or
• Two-/four-lane MIPI CSI-2 interface (max capture size: 1920 × 720 for two lanes at 110 MHz, 2880 × 1080 for
four lanes at 220 MHz)
- Display warping on-the-fly for HUD applications
- Direct video feed through from capture to display interface with graphics overlay
- Composition engine for scene composition from display layers
- Display engine for video timing generation and display functions
- Drawing engine for acceleration of vector graphics rendering
- Command sequencer for setup and control of the rendering process
- Supports graphics rendering without frame buffers (on-the-fly)
- Single-channel FPD-Link/LVDS interface for up to HD resolution video output
• Sound subsystem
- Four time-division multiplexing (TDM) interfaces
- Two pulse-code modulation-pulse width modulation (PCM-PWM) interfaces
- Up to five sound generator (SG) interfaces
- Two PCM Audio stream mixers with five input streams
- One audio digital-to-analog converter (DAC)
• CPU subsystem
- 240-MHz (max) 32-bit Arm® Cortex®-M7 CPU, with
• Single-cycle multiply
• Single/double-precision floating point unit (FPU)
• 16-KB data cache, 16-KB instruction cache
• Memory protection unit (MPU)
• 64-KB instruction and 64-KB data Tightly-Coupled Memories (TCM)
- 100-MHz 32-bit Arm® Cortex®-M0+ CPU with
• Single-cycle multiply
• Memory protection unit
- Inter-processor communication in hardware
- Four DMA controllers
• Peripheral DMA controller #0 (P-DMA0) with 76 channels
• Peripheral DMA controller #1 (P-DMA1) with 84 channels
• Memory DMA (AHB) controller (M-DMA0) with 8 channels
• Memory DMA (AXI) controller (M-DMA1) with 4 channels
• Integrated memories
- 4160-KB code-flash with an additional 128-KB of work-flash
• Read-While-Write (RWW) allows updating the code-flash/work-flash while executing from it
• Single- and dual-bank modes (specifically for Firmware update Over The Air [FOTA])
• Flash programming through SWD/JTAG interface
- 384-KB SRAM with selectable retention granularity
• Crypto engine[1]
- Supports Enhanced Secure Hardware Extension (eSHE) and Hardware Security Module (HSM)
- Secure boot and authentication
• Using digital signature verification[1]
• Using fast secure boot
- AES: 128-bit blocks, 128-/192-/256-bit keys
- 3DES[1]: 64-bit blocks, 64-bit key
- Vector unit[1] supporting asymmetric key cryptography such as Rivest-Shamir-Adleman (RSA) and Elliptic
Curve (ECC)
- SHA-1/2/3[1]: SHA-512, SHA-256, SHA-160 with variable length input data
- CRC[1]: supports CCITT CRC16 and IEEE-802.3 CRC32
- True random number generator (TRNG) and pseudo random number generator (PRNG)
- Galois/Counter Mode (GCM)
• Functional safety for ASIL-B
- Memory protection unit (MPU)
- Shared memory protection unit (SMPU)
- Peripheral protection unit (PPU)
- Watchdog timer (WDT)
- Multi-counter watchdog timer (MCWDT)
- Low-voltage detector (LVD)
- Brown-out detection (BOD)
- Overvoltage detection (OVD)
- Overcurrent detection (OCD)
- Clock supervisor (CSV)
• Supported in all power modes except Hibernate mode
- Hardware error correction (SECDED ECC) on all safety-critical memories (SRAM, flash, TCM)
• Low-power 2.7-V to 5.5-V operation
- Low-power Active, Sleep, Low-power Sleep, DeepSleep, and Hibernate modes for fine-grained power
management
- Configurable options for robust BOD
• Two threshold levels (2.7 V and 3.0 V) for BOD on VDDD and VDDA_ADC
• One threshold level (1.1 V) for BOD on VCCD
• Wakeup support
- Up to four pins to wakeup from Hibernate mode
- Up to 61 GPIO pins to wakeup from DeepSleep mode
- Event Generator, SCB, Watchdog Timer, RTC alarms to wake from DeepSleep modes
• Clocks
- Internal main oscillator (IMO)
- Internal low-speed oscillator (ILO)
- External crystal oscillator (ECO)
- Watch crystal oscillator (WCO)
- Phase-locked loop (PLL)
- Frequency-locked loop (FLL)
- Low-power external crystal oscillator (LPECO)
• Communication interfaces
- Up to four CAN FD channels
• Increased data rate (up to 8 Mbps) compared to classic CAN, limited by physical layer topology and
transceivers
• Compliant to ISO 11898-1:2015
• Supports all the requirements of Bosch CAN FD Specification V1.0 non-ISO CAN FD
• ISO 16845:2015 certificate available
- Up to 12 runtime-reconfigurable serial communication block (SCB) channels, each configurable as I2C, SPI,
or UART
- Up to two independent LIN channels
• LIN protocol compliant with ISO 17987
- Up to two CXPI channels with data rate up to 20 kbps
- 10/100 Mbps Ethernet MAC interface conforming to IEEE-802.3bw
• Supports the following PHY interfaces:
Media-independent interface (MII)
Reduced media-independent interface (RMII)
• Compliant with IEEE-802.1BA for audio video bridging (AVB)
• Compliant with IEEE-1588 precision time protocol (PTP)
• Serial memory interface (SMIF)
- Two SPIs (single, dual, quad, or octal), xSPI interface
- On-the-fly encryption and decryption
- Execute-In-Place (XIP) from external memory
• Timers
- Up to 50 16-bit and 32 32-bit Timer/Counter Pulse-Width modulator (TCPWM) blocks for regular operations
• Up to 12 16-bit counters optimized for motor-control operations (Equivalent to 6 stepper motor-control
[SMC] channels with ZPD and slew rate control capability)
• Supports timer, capture, quadrature decoding, pulse-width modulation (PWM), PWM with dead time (PWM_
DT), pseudo-random PWM (PWM_PR), and shift-register (SR) modes
- Up to 16 Event Generation (EVTGEN) timers supporting cyclic wakeup from DeepSleep
• Events trigger a specific device operation (such as execution of an interrupt handler, a SAR ADC conversion,
and so on)
• Real time clock (RTC)
- Year/Month/Date, Day-of-week, Hour:Minute:Second fields
- 12- and 24-hour formats
- Automatic leap-year correction
• I/O
- Up to 135 programmable I/Os
- Four I/O types
• GPIO Standard (GPIO_STD)
• GPIO Enhanced (GPIO_ENH)
• GPIO Stepper Motor Control (GPIO_SMC)
• High-Speed I/O Standard with Low Noise (HSIO_STDLN)
• Power
- Regulators
• Generates 1.1-V nominal core supply from a 2.7-V to 5.5-V input supply
• Two regulators: DeepSleep and Core internal
- PMIC control module
• Programmable analog
- One SAR A/D converter
• Each ADC supports 32 logical channels, with 48 external channels. Any external channel can be connected
to any logical channel in the SAR.
• 12-bit resolution and sampling rates up to 1 Msps
- The ADC also supports six internal analog inputs like
• Bandgap reference to establish absolute voltage levels
• Calibrated diode for junction temperature calculations
• Two AMUXBUS inputs and two direct connections to monitor supply levels
- ADC supports addressing of external multiplexers
- ADC has a sequencer supporting autonomous scanning of configured channels
• Smart I/O
- One smart I/O block, which can perform Boolean operations on signals going to and from I/Os
- Up to eight I/Os (GPIO_STD) supported
• Debug interface
- JTAG controller and interface compliant to IEEE-1149.1-2001
- Arm® SWD (serial wire debug) port
- Supports Arm® Embedded Trace Macrocell (ETM) Trace
• Data trace using SWD
• Instruction and data trace using JTAG
• Compatible with industry-standard tools
- GHS MULTI or IAR EWARM for code development and debugging
• Packages
- 272-BGA, 16 × 16 × 1.7 mm (max), 0.8-mm ball pitch
- 216-TEQFP, 24 × 24 × 1.6 mm (max), 0.4-mm ball pitch




Similar Part No. - CYT3DLBBAS

ManufacturerPart #DatasheetDescription
logo
Changyuntong Semiconduc...
CYT3000A CYT-CYT3000A Datasheet
453Kb / 6P
HIgh-Power Intercontrolled Integrated Circuit LIner Control Integrated Circuit
CYT3000B CYT-CYT3000B Datasheet
593Kb / 8P
HIgh-Power Intercontrolled Integrated Circuit LIner Control Integrated Circuit
CYT3000C CYT-CYT3000C Datasheet
667Kb / 8P
HIgh-Power Intercontrolled Integrated Circuit LIner Control Integrated Circuit
logo
Central Semiconductor C...
CYT3019D CENTRAL-CYT3019D Datasheet
547Kb / 2P
SURFACE MOUNT DUAL, ISOLATED NPN SILICON TRANSISTORS
logo
Infineon Technologies A...
CYT3BB INFINEON-CYT3BB Datasheet
2Mb / 204P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single/dual
2022-09-08 Rev. H
More results


Similar Description - CYT3DLBBAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Infineon Technologies A...
CYT4BF INFINEON-CYT4BF Datasheet
2Mb / 217P
TRAVEO??T2G 32-bit Automotive MCU
Rev. *J 2022-02-18
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
Infineon Technologies A...
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
XMC7100 INFINEON-XMC7100 Datasheet
2Mb / 196P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. A 2022-10-20
XMC7200 INFINEON-XMC7200 Datasheet
2Mb / 189P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. B 2022-10-21
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
CYT2B7 INFINEON-CYT2B7 Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com