Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT16543CT Datasheet (PDF) - Renesas Technology Corp

IDT74FCT16543CT Datasheet PDF - Renesas Technology Corp
Part # IDT74FCT16543CT
Download  IDT74FCT16543CT Download
File Size   220.29 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT LATCHED TRANSCEIVER

IDT74FCT16543CT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT16543CT Datasheet PDF - Renesas Technology Corp

Part # IDT74FCT16543CT
Download  IDT74FCT16543CT Click to download

File Size   220.29 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT LATCHED TRANSCEIVER

IDT74FCT16543CT Datasheet (HTML) - Renesas Technology Corp


IDT74FCT16543CT Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• High-speed, low-power CMOS replacement for ABT functions
• Typical tSK(o) (Output Skew) < 250ps
• Low input and output leakage ≤1μA (max.)
• VCC = 5V ±10%
• High drive outputs (–32mA IOH, 64mA IOL)
• Power off disable outputs permit “live insertion”
• Typical VOLP (Output Ground Bounce) < 1.0V at VCC = 5V,
TA = 25°C
• Available in SSOP and TSSOP packages




Similar Part No. - IDT74FCT16543CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16543CT IDT-IDT74FCT16543CT Datasheet
127Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543CT IDT-IDT74FCT16543CT Datasheet
96Kb / 7P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543CTE IDT-IDT74FCT16543CTE Datasheet
127Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543CTEB IDT-IDT74FCT16543CTEB Datasheet
127Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543CTPA IDT-IDT74FCT16543CTPA Datasheet
127Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
More results


Similar Description - IDT74FCT16543CT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163543 TI-CY74FCT163543 Datasheet
64Kb / 7P
16-Bit Latched Transceiver
logo
Integrated Device Techn...
IDT74FCT162511AT IDT-IDT74FCT162511AT Datasheet
204Kb / 11P
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT543 IDT-IDT74FCT543 Datasheet
71Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT162511 PERICOM-PI74FCT162511 Datasheet
87Kb / 8P
Fast CMOS 16-Bit Registered/Latched Transceiver With Parity
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
Fast CMOS 16-Bit Latched Transceivers
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
Fast CMOS 3.3V 8-Bit Latched Transceiver
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
Fast CMOS 16-Bit Latched Transceivers
logo
Integrated Device Techn...
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com