Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT621TSOG Datasheet (PDF) - Renesas Technology Corp

74FCT621TSOG Datasheet PDF - Renesas Technology Corp
Part # 74FCT621TSOG
Download  74FCT621TSOG Download
File Size   207.4 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)

74FCT621TSOG Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT621TSOG Datasheet PDF - Renesas Technology Corp

Part # 74FCT621TSOG
Download  74FCT621TSOG Click to download

File Size   207.4 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)

74FCT621TSOG Datasheet (HTML) - Renesas Technology Corp


74FCT621TSOG Product details

FEATURES:
• Std. and A grades
• Low input and output leakage ≤1μA (max.)
• CMOS power levels
• True TTL input and output compatibility:
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
• Meets or exceeds JEDEC standard 18 specifications
• Power off disable outputs permit "live insertion"
• Available in SOIC package




Similar Part No. - 74FCT621TSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
More results


Similar Description - 74FCT621TSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T Datasheet
67Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
logo
Intersil Corporation
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
CMOS Octal Bus Transceiver
March 1997
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
CMOS Octal Bus Transceiver
June 2004
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com