Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89HPES12M3YCBC Datasheet (PDF) - Renesas Technology Corp

89HPES12M3YCBC Datasheet PDF - Renesas Technology Corp
Part # 89HPES12M3YCBC
Download  89HPES12M3YCBC Download
File Size   724.58 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-lane 3-Port PCI Express® Switch

89HPES12M3YCBC Datasheet (PDF)

Go To PDF Page Download Datasheet
89HPES12M3YCBC Datasheet PDF - Renesas Technology Corp

Part # 89HPES12M3YCBC
Download  89HPES12M3YCBC Click to download

File Size   724.58 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-lane 3-Port PCI Express® Switch

89HPES12M3YCBC Datasheet (HTML) - Renesas Technology Corp


89HPES12M3YCBC Product details

Features
◆ High Performance PCI Express Switch
– Three x4 ports with 12 PCI Express lanes total
– Delivers 6 GBps (48 Gbps) aggregate switching capacity
– Low latency cut-through switch architecture
– Supports 128 to 2048 byte maximum payload size
– Supports one virtual channel
– PCI Express Base specification Revision 1.0a compliant
◆ Flexible Architecture with Numerous Configuration Options
– Port arbitration schemes utilizing round robin or weighted
round robin algorithms
– Supports automatic per port link with negotiation (x4, x2, or x1)
– Supports static lane reversal on all ports
– Supports polarity inversion
– Supports locked transactions, allowing use with legacy software
– Ability to load device configuration from serial EEPROM
◆ Highly Integrated Solution
– Requires no external components
– Incorporates on-chip internal memory for packet buffering and
queueing
– Integrates 12 2.5 Gbps embedded SerDes, 8B/10B encoder/
decoder (no separate transceivers needed)
◆ Reliability, Availability, and Serviceability (RAS) Features
– Internal end-to-end parity protection on all TLPs ensures data
integrity even in systems that do not implement end-to-end
CRC (ECRC)
– Supports ECRC passed through
– Supports PCI Express Native Hot-Plug
• Compatible with Hot-Plug I/O expanders used on PC motherboards
– Supports Hot-Swap
◆ Power Management
– Supports PCI Power Management Interface specification,
Revision 1.1 (PCI-PM)
– Unused SerDes are disabled
– Supports Advanced Configuration and Power Interface Specification,
Revision 2.0 (ACPI) supporting active link state
◆ Testability and Debug Features
– Built in SerDes Pseudo-Random Bit Stream (PRBS) generator
– Ability to read and write any internal register via the SMBus
– Ability to bypass link training and force any link into any mode
– Provides statistics and performance counters




Similar Part No. - 89HPES12M3YCBC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12N3 IDT-89HPES12N3 Datasheet
530Kb / 28P
Supports one virtual channel
89HPES12N3A IDT-89HPES12N3A Datasheet
56Kb / 2P
12 Lane 3-Port PCI Express짰 Switch
logo
Renesas Technology Corp
89HPES12N3A RENESAS-89HPES12N3A Datasheet
754Kb / 32P
12-lane 3-Port PCI Express® Switch
April 9, 2010
logo
Integrated Device Techn...
89HPES12NT12G2 IDT-89HPES12NT12G2 Datasheet
279Kb / 32P
Low latency cut-through architecture
logo
Renesas Technology Corp
89HPES12NT12G2 RENESAS-89HPES12NT12G2 Datasheet
433Kb / 33P
12-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 16, 2013
More results


Similar Description - 89HPES12M3YCBC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12T3G2 IDT-89HPES12T3G2 Datasheet
559Kb / 31P
12-Lane 3-Port Gen2 PCI Express Switch
logo
Renesas Technology Corp
PES12T3BG2 RENESAS-PES12T3BG2 Datasheet
931Kb / 31P
12-Lane 3-Port Gen2 PCI Express® Switch
February 2, 2010
89HPES24T3G2 RENESAS-89HPES24T3G2 Datasheet
680Kb / 51P
24-Lane 3-Port Gen2 PCI Express® Switch
Revision 2.0
89HPES12N3A RENESAS-89HPES12N3A Datasheet
754Kb / 32P
12-lane 3-Port PCI Express® Switch
April 9, 2010
89HPES12NT3 RENESAS-89HPES12NT3 Datasheet
862Kb / 30P
12-lane 3-Port Non-Transparent PCI Express® Switch
February 19, 2009
89HPES12T3G2 RENESAS-89HPES12T3G2 Datasheet
784Kb / 31P
12-Lane 3-Port Gen2 PCI Express® Switch
August 10, 2011
89HPES3T3 RENESAS-89HPES3T3 Datasheet
555Kb / 32P
3-Lane 3-Port PCI Express® Switch
June 12, 2014
89HPES24N3 RENESAS-89HPES24N3 Datasheet
764Kb / 31P
24-Lane 3-Port PCI Express® Switch
July 18, 2006
89HPES24N3A RENESAS-89HPES24N3A Datasheet
815Kb / 32P
24-Lane 3-Port PCI Express® Switch
April 23, 2008
89HPES48T12 RENESAS-89HPES48T12 Datasheet
610Kb / 48P
48-Lane 12-Port PCI Express® Switch
October 3, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com