Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FST6800 Datasheet (PDF) - Renesas Technology Corp

IDT74FST6800 Datasheet PDF - Renesas Technology Corp
Part # IDT74FST6800
Download  IDT74FST6800 Download
File Size   273.32 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS

IDT74FST6800 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FST6800 Datasheet PDF - Renesas Technology Corp

Part # IDT74FST6800
Download  IDT74FST6800 Click to download

File Size   273.32 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS

IDT74FST6800 Datasheet (HTML) - Renesas Technology Corp


IDT74FST6800 Product details

FEATURES:
• Bus switches provide zero delay paths
• Low switch on-resistance: 7Ω
• TTL-compatible input and output levels
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• Available in QSOP and TSSOP packages




Similar Part No. - IDT74FST6800

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800 Datasheet
100Kb / 5P
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800PG IDT-IDT74FST6800PG Datasheet
57Kb / 5P
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800Q IDT-IDT74FST6800Q Datasheet
57Kb / 5P
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
More results


Similar Description - IDT74FST6800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Pericom Semiconductor C...
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
10-Bit Bus Switch with Precharged Outputs
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74CBTLV6800 IDT-IDT74CBTLV6800 Datasheet
69Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A_08 Datasheet
476Kb / 14P
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
74CBTLV6800 RENESAS-74CBTLV6800 Datasheet
266Kb / 6P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
MAY 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com