Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FST6800 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # IDT74FST6800
Description  10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT74FST6800 Datasheet(HTML) 2 Page - Renesas Technology Corp

  IDT74FST6800 Datasheet HTML 1Page - Renesas Technology Corp IDT74FST6800 Datasheet HTML 2Page - Renesas Technology Corp IDT74FST6800 Datasheet HTML 3Page - Renesas Technology Corp IDT74FST6800 Datasheet HTML 4Page - Renesas Technology Corp IDT74FST6800 Datasheet HTML 5Page - Renesas Technology Corp IDT74FST6800 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74FST6800
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Maximum Continuous Channel Current
128
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Vcc, Control, and Switch terminals.
Symbol
Parameter
Conditions(2)
Typ. Unit
CIN
Control Input Capacitance
4
pF
CI/O
Switch Input/Output Capacitance
Switch Off
pF
CAPACITANCE(1)
NOTES:
1. Capacitance is characterized but not tested.
2. TA = 25°C, f = 1MHz, VIN = 0V, VOUT = 0V.
Pin Names
I/O
Description
A1-10, B1-10
I/O
Buses A, B
ON
I
Bus Switch Enable (Active LOW)
BIASV
I
BIAS Voltage
PIN DESCRIPTION
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
FUNCTION TABLE(1)
ON
B1-10
Description
LA1-10
Connect
H
BIASV
Precharge
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Voltage
Guaranteed Logic HIGH for Control Inputs
2
—
—
V
VIL
Input LOW Voltage
Guaranteed Logic LOW for Control Inputs
—
—
0.8
V
IIH
Input HIGH Current
VCC = Max.
VI = VCC
——
±1
μA
IIL
Input LOW Current
VI = GND
—
—
±1
IO
Precharge Output Current
VCC = Min., BIASV = 2.4V, VO = 0V
0.15
—
—
mA
IOZH
High Impedance Output Current
VCC = Max.
VO = VCC
——
±1
μA
IOZL
(3-State Output Pins)
VO = GND
—
—
±1
IOS
Short Circuit Current
VCC = Min., VO = GND(3)
—
300
—
mA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
—
–0.7
–1.2
V
RON
Switch On Resistance(4)
VCC = 4.75V, VIN = 0.0V ION = 64mA
—
—
7
Ω
VCC = 4.75V, VIN = 2.4V ION = 15mA
—
—
15
IOFF
Input/Output Power Off Leakage
VCC = 0V, VIN or VO
≤ 4.5V
—
—
1
μA
ICC
Quiescent Power Supply Current
VCC = Max., VI = GND or VCC
—
0.1
3
μA
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ± 5%, BIASV = 0 to VCC
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. Measured by voltage drop between ports at indicated current through the switch.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com