Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FST6800 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # IDT74FST6800
Description  10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT74FST6800 Datasheet(HTML) 3 Page - Renesas Technology Corp

  IDT74FST6800 Datasheet HTML 1Page - Renesas Technology Corp IDT74FST6800 Datasheet HTML 2Page - Renesas Technology Corp IDT74FST6800 Datasheet HTML 3Page - Renesas Technology Corp IDT74FST6800 Datasheet HTML 4Page - Renesas Technology Corp IDT74FST6800 Datasheet HTML 5Page - Renesas Technology Corp IDT74FST6800 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
INDUSTRIALTEMPERATURERANGE
IDT74FST6800
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply Current
VCC = Max.
—
0.5
1.5
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max., Outputs Open
VIN = VCC
—30
40
μA/
Current(4)
Enable Pin Toggling
VIN = GND
MHz/
50% Duty Cycle
Enable
IC
Total Power Supply Current(6)
VCC = Max., Outputs Open
VIN = VCC
—3
4
mA
Enable Pin Toggling
VIN = GND
(Ten Switches Toggling)
fi = 10MHz
VIN = 3.4V
—
3.3
4.8
50% Duty Cycle
VIN = GND
POWER SUPPLY CHARACTERISTICS
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of Icc formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
ΔICC DHNT + ICCD (fiN)
ICC = Quiescent Current
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (zero for non-register devices)
fi = Input Frequency
N = Number of SwitchesToggling at fi
All currents are in milliamps and all frequencies are in megahertz
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = -40°C to +85°C, VCC = 5.0V ± 5%
Symbol
Description
Condition(1)
Min.(2)
Typ.
Max.
Unit
tPLH
DataPropagationDelay
CL = 50pF
—
—
0.25
ns
tPHL
Ax, Bx to Bx, Ax(3,4)
RL = 500
Ω
tPZH
Switch Turn On Delay
1.5
—
6.5
ns
tPZL
ON to Ax, Bx
tPHZ
Switch Turn Off Delay
1.5
—
5.5
ns
tPLZ
ON to Ax, Bx(3)
NOTES:
1. See test circuit and waveforms.
2. Minimum limits guaranteed but not tested.
3. This parameter is guaranteed by design but not tested.
4. The bus switch contributes no propagation delay other than the RC delay of the on resistance of the switch and the load capacitance. The time constant for the switch alone
is of the order of 0.25 ns for 50 pF load. Since this time is constant and much smaller than the rise/fall times of typical driving signals, it adds very little propagation delay to the
system. Propagation delay of the bus switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on
the driven side.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com