Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZWS50-24 Datasheet (PDF) - DENSEI-LAMBDA

ZWS50-24 Datasheet PDF - DENSEI-LAMBDA
Part # ZWS50-24
Download  ZWS50-24 Download
File Size   2003.33 Kbytes
Page   19 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 50W ~ 150W

ZWS50-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZWS50-24 Datasheet PDF - DENSEI-LAMBDA

Part # ZWS50-24
Download  ZWS50-24 Click to download

File Size   2003.33 Kbytes
Page   19 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 50W ~ 150W

ZWS50-24 Datasheet (HTML) - DENSEI-LAMBDA


ZWS50-24 Product details

Features
● CE marking (Low Voltage Directive)
● Active Filter contained, PFHC type
● Applicable to peak output wattage 120% (12V, 15V, 24V output)
● Low leakage current 0.5mA max
● Equipped with Remote ON/OFF control (with-cover type excluded)  and output variable voltage
● 2 year warranty




Similar Part No. - ZWS50-24

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
ZWS50-24 RSG-ZWS50-24 Datasheet
466Kb / 4P
Single Output Low Cost, Worldwide Use
More results


Similar Description - ZWS50-24

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
HK10A LAMBDA-HK10A Datasheet
317Kb / 3P
Single output 10W~150W?
JWS50 LAMBDA-JWS50 Datasheet
349Kb / 5P
Single output 50W ~ 600W???
VS100B LAMBDA-VS100B Datasheet
234Kb / 3P
Single output 10W~150W?
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
Single output 50W ~ 150W
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
382Kb / 2P
50W Single Output DC-DC Converter
logo
RSG Electronic Componen...
ZWS50BAF RSG-ZWS50BAF Datasheet
817Kb / 4P
50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
50W Single Output Switching Power Supply
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
50W Single Output DC-DC Converter
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
Single Output 150W - 240W
HWS-A TDK-HWS-A Datasheet
1Mb / 56P
Single Output 15W 節?150W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com