Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93V855YGILF-T Datasheet (PDF) - Renesas Technology Corp

93V855YGILF-T Datasheet PDF - Renesas Technology Corp
Part # 93V855YGILF-T
Download  93V855YGILF-T Download
File Size   304.74 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR Phase Lock Loop Clock Driver

93V855YGILF-T Datasheet (PDF)

Go To PDF Page Download Datasheet
93V855YGILF-T Datasheet PDF - Renesas Technology Corp

Part # 93V855YGILF-T
Download  93V855YGILF-T Click to download

File Size   304.74 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR Phase Lock Loop Clock Driver

93V855YGILF-T Datasheet (HTML) - Renesas Technology Corp


93V855YGILF-T Product details

Recommended Application:
DDR Clock Driver
• Low skew, low jitter PLL clock driver
• External feedback pins for input to output
synchronization
• Spread Spectrum tolerant inputs
• With bypass mode mux
• Operating frequency 60 to 170 MHz
• Operating Temperature –45°C to +85°C
• CYCLE - CYCLE jitter:<75ps
• OUTPUT - OUTPUT skew: <60ps
• Output Rise and Fall Time: 650ps - 950ps




Similar Part No. - 93V855YGILF-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
93V857YK-025LFT RENESAS-93V857YK-025LFT Datasheet
277Kb / 12P
2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
2019
93V857YK-125LFT RENESAS-93V857YK-125LFT Datasheet
277Kb / 12P
2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
2019
93V857YK-130LFT RENESAS-93V857YK-130LFT Datasheet
277Kb / 12P
2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
2019
More results


Similar Description - 93V855YGILF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V850 ICST-ICS93V850 Datasheet
167Kb / 8P
DDR Phase Lock Loop Clock Driver
ICS93716 ICST-ICS93716 Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
ICS95V850 RENESAS-ICS95V850 Datasheet
327Kb / 11P
DDR Phase Lock Loop Clock Driver (60MHz - 210MHz)
2019
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
DDR Phase Lock Loop Clock Driver
2019
ICS93716 RENESAS-ICS93716 Datasheet
319Kb / 14P
Low Cost DDR Phase Lock Loop Clock Driver
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com