Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

650G-36LF Datasheet (PDF) - Renesas Technology Corp

650G-36LF Datasheet PDF - Renesas Technology Corp
Part # 650G-36LF
Download  650G-36LF Download
File Size   388.83 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NETWORKING AND PCI CLOCK SOURCE

650G-36LF Datasheet (PDF)

Go To PDF Page Download Datasheet
650G-36LF Datasheet PDF - Renesas Technology Corp

Part # 650G-36LF
Download  650G-36LF Click to download

File Size   388.83 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NETWORKING AND PCI CLOCK SOURCE

650G-36LF Datasheet (HTML) - Renesas Technology Corp


650G-36LF Product details

Features
• Packaged in 16-pin TSSOP
• Pb (lead) free package
• Replaces multiple crystals and oscillators
• Input crystal or clock frequency of 25 MHz
• Fixed reference output frequency of 25 MHz
• Selectable output frequencies of 33.3, 33.333, 50,
66.666, 100, and 125 MHz
• Duty cycle of 40/60
• Operating voltage of 3.3 V
• Advanced, low-power CMOS process
• Industrial and commercial temperature ranges




Similar Part No. - 650G-36LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
650G-40ALF RENESAS-650G-40ALF Datasheet
357Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
650G-40ALFT RENESAS-650G-40ALFT Datasheet
357Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
650G-40LF RENESAS-650G-40LF Datasheet
352Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
650G-40LFT RENESAS-650G-40LFT Datasheet
352Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
More results


Similar Description - 650G-36LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
PCI-EXPRESS CLOCK SOURCE
Revision 061005
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
PCI-EXPRESS CLOCK SOURCE
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
ICS650-36 ICST-ICS650-36 Datasheet
168Kb / 7P
Networking & PCI Clock Source
Revision 030206
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
PCI-EXPRESS CLOCK SOURCE
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
NETWORKING CLOCK SOURCE
102709
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
NETWORKING CLOCK SOURCE
REV F 051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com