Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS674-01 Datasheet (PDF) - Renesas Technology Corp

ICS674-01 Datasheet PDF - Renesas Technology Corp
Part # ICS674-01
Download  ICS674-01 Download
File Size   287.6 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USER CONFIGURABLE DIVIDER

ICS674-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS674-01 Datasheet PDF - Renesas Technology Corp

Part # ICS674-01
Download  ICS674-01 Click to download

File Size   287.6 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USER CONFIGURABLE DIVIDER

ICS674-01 Datasheet (HTML) - Renesas Technology Corp


ICS674-01 Product details

Features
• Packaged in 28-pin SSOP (150 mil body)
• Pb (lead) free package, RoHS compliant
• General purpose programmable divider
• Supports ICS673 PLL Building Block
• User determines the divide by setting input pins
• Pull-ups on all select inputs
• Includes one 7-bit Divider for OUTA
• Includes one 9-bit Divider and one selectable Post
Divider for OUTB
• Industrial temperature range available
• 25 mA drive capability at TTL levels
• Advanced, low power CMOS process
• Operating voltage of 3.3 V or 5 V




Similar Part No. - ICS674-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS674-01 ICST-ICS674-01 Datasheet
51Kb / 6P
User Configurable Divider
Revision 033199
logo
Integrated Device Techn...
ICS674-01 IDT-ICS674-01 Datasheet
109Kb / 8P
USER CONFIGURABLE DIVIDER
More results


Similar Description - ICS674-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS674-01 ICST-ICS674-01 Datasheet
51Kb / 6P
User Configurable Divider
Revision 033199
ICS5250708 ICST-ICS5250708 Datasheet
187Kb / 9P
LVCMOS User Configurable Clock
Revision 101105
ICS525-11 ICST-ICS525-11 Datasheet
181Kb / 9P
User Configurable Clock
Revision 101105
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
OSCaR-TM User Configurable PECL Clock
Revision 091802
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
logo
Vicor Corporation
MEGAPAC VICOR-MEGAPAC Datasheet
533Kb / 10P
User- and Field-Configurable Power Supplies
logo
Integrated Device Techn...
ICS674-01 IDT-ICS674-01 Datasheet
109Kb / 8P
USER CONFIGURABLE DIVIDER
logo
Amphenol Wilcoxon Sensi...
IT301 WILCOXON-IT301 Datasheet
449Kb / 4P
User-configurable intelligent vibration transmitter
Rev.A.1 10/18
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
USER CONFIGURABLE CLOCK
AUGUST 23, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com