Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS674-01 Datasheet (PDF) - Integrated Circuit Systems

ICS674-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS674-01
Download  ICS674-01 Download
File Size   51.7 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description User Configurable Divider

ICS674-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS674-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS674-01
Download  ICS674-01 Click to download

File Size   51.7 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description User Configurable Divider

ICS674-01 Datasheet (HTML) - Integrated Circuit Systems


ICS674-01 Product details

Description
The ICS674-01 consists of 2 separate  configurable dividers.  The A Divider is a 7 bit  divider and can divide by 3 to 129. The  B Divider consists of a 9 bit divider followed by a  post divider.  The 9 bit divider can divide by 12  to 519.  The post divider has eight settings of 1, 2, 4, 5, 6, 7, 8 and 10 giving a maximum total  divide of 5190.  The A and B Dividers can be  cascaded to give a maximum divide of 669510.   The ICS674-01 supports the ICS673 PLL  Building Block and enables the user to build a full  custom PLL synthesizer.

Features
• Packaged as 28 pin SSOP (150 mil body)
• Supports ICS673 PLL Building Block
• User determines the divide by setting input pins
• Pull-ups on all select inputs
• Includes one 7-bit Divider for OUTA
• Includes one 9-bit Divider and one selectable Post Divider for OUTB      
• Operating voltages of 3.3 V or 5.0 V
• Industrial temperature range available
• 25mA drive capability at TTL levels
• Advanced, low power CMOS process




Similar Part No. - ICS674-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS674-01 IDT-ICS674-01 Datasheet
109Kb / 8P
USER CONFIGURABLE DIVIDER
logo
Renesas Technology Corp
ICS674-01 RENESAS-ICS674-01 Datasheet
287Kb / 9P
USER CONFIGURABLE DIVIDER
REV H 051310
More results


Similar Description - ICS674-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS5250708 ICST-ICS5250708 Datasheet
187Kb / 9P
LVCMOS User Configurable Clock
Revision 101105
ICS525-11 ICST-ICS525-11 Datasheet
181Kb / 9P
User Configurable Clock
Revision 101105
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
OSCaR-TM User Configurable PECL Clock
Revision 091802
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
logo
Vicor Corporation
MEGAPAC VICOR-MEGAPAC Datasheet
533Kb / 10P
User- and Field-Configurable Power Supplies
logo
Integrated Device Techn...
ICS674-01 IDT-ICS674-01 Datasheet
109Kb / 8P
USER CONFIGURABLE DIVIDER
logo
Amphenol Wilcoxon Sensi...
IT301 WILCOXON-IT301 Datasheet
449Kb / 4P
User-configurable intelligent vibration transmitter
Rev.A.1 10/18
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
USER CONFIGURABLE CLOCK
AUGUST 23, 2021
ICS674-01 RENESAS-ICS674-01 Datasheet
287Kb / 9P
USER CONFIGURABLE DIVIDER
REV H 051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com