Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS674-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS674-01
Description  User Configurable Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS674-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS674-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ICS674-01
User Configurable Divider
MDS 674-01 A
2
Revision 033199
Printed 11/15/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA • 95126 •(408)295-9800tel•(408)295-9818fax
PRELIMINARY INFORMATION
Pin Assignment
Key:
I(PU) = Input with internal pull-up resistor; I=Input (no pull-up); O = Output;
P = Power supply connection
1
8
9
2
3
4
5
6
7
10
11
12
13
14
16
15
20
17
18
19
25
24
23
22
21
26
27
28
B2
INB
VDD
INA
GND
B4
VDD
OUTA
GND
A2
A4
B8
OUTB
A3
A1
B6
B5
GND
A0
Pin #
Name
Type Description
1, 2, 24-28
A5, A6, A0-A4
I(PU) Divider A word input pins. Forms a binary number from 3 to 129.
3, 4, 5
S0, S1, S2
I(PU) Select pins for Post Divider. See table above.
6, 23
VDD
P
Connect to VDD.
7
INA
I
Divider A input.
8
INB
I
Divider B input.
9, 19, 20
GND
P
Connect to ground.
10-18
B0-B8
I(PU) Divider B word input pins. Forms a binary number from 12 to 519.
21
OUTB
O
Divider B output.
22
OUTA
O
Divider A output.
A5
A6
B0
B3
B1
S2
S0
S1
B7
S2
S1
S0
Post
pin 5
pin 4
pin 3
Divide
000
10
001
2
010
8
011
4
100
5
101
7
110
1
111
6
Post Divider Table
Pin Description
External Components
The ICS674-01 requires a 0.01µF decoupling capacitor to be connected between VDD and GND. It
must be connected close to the ICS674-01 to minimize lead inductance. Terminating resistors of 33
Ω can
be used in series with the OUTA and OUTB pins.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com