Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS674-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS674-01
Description  User Configurable Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS674-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS674-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS674-01
User Configurable Divider
MDS 674-01 A
1
Revision 033199
Printed 11/15/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA • 95126 •(408)295-9800tel•(408)295-9818fax
PRELIMINARY INFORMATION
• Packaged as 28 pin SSOP (150 mil body)
• Supports ICS673 PLL Building Block
• User determines the divide by setting input pins
• Pull-ups on all select inputs
• Includes one 7-bit Divider for OUTA
• Includes one 9-bit Divider and one selectable
Post Divider for OUTB
• Operating voltages of 3.3 V or 5.0 V
• Industrial temperature range available
• 25mA drive capability at TTL levels
• Advanced, low power CMOS process
The ICS674-01 consists of 2 separate
configurable dividers. The A Divider is a 7 bit
divider and can divide by 3 to 129. The
B Divider consists of a 9 bit divider followed by a
post divider. The 9 bit divider can divide by 12
to 519. The post divider has eight settings of
1, 2, 4, 5, 6, 7, 8 and 10 giving a maximum total
divide of 5190. The A and B Dividers can be
cascaded to give a maximum divide of 669510.
The ICS674-01 supports the ICS673 PLL
Building Block and enables the user to build a full
custom PLL synthesizer.
Block Diagram
Description
Features
Divider A
(7-Bit)
Output
Buffer
Post
Divider
Divider B
(9-Bit)
7
2
3
VDD
GND
INA
INB
OUTA
OUTB
B8:B0
A6:A0
93
S2:S0
Output
Buffer


Similar Part No. - ICS674-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS674-01 IDT-ICS674-01 Datasheet
109Kb / 8P
USER CONFIGURABLE DIVIDER
logo
Renesas Technology Corp
ICS674-01 RENESAS-ICS674-01 Datasheet
287Kb / 9P
USER CONFIGURABLE DIVIDER
REV H 051310
More results

Similar Description - ICS674-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS5250708 ICST-ICS5250708 Datasheet
187Kb / 9P
LVCMOS User Configurable Clock
Revision 101105
ICS525-11 ICST-ICS525-11 Datasheet
181Kb / 9P
User Configurable Clock
Revision 101105
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
OSCaR-TM User Configurable PECL Clock
Revision 091802
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
logo
Vicor Corporation
MEGAPAC VICOR-MEGAPAC Datasheet
533Kb / 10P
User- and Field-Configurable Power Supplies
logo
Integrated Device Techn...
ICS674-01 IDT-ICS674-01 Datasheet
109Kb / 8P
USER CONFIGURABLE DIVIDER
logo
Amphenol Wilcoxon Sensi...
IT301 WILCOXON-IT301 Datasheet
449Kb / 4P
User-configurable intelligent vibration transmitter
Rev.A.1 10/18
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
USER CONFIGURABLE CLOCK
AUGUST 23, 2021
ICS674-01 RENESAS-ICS674-01 Datasheet
287Kb / 9P
USER CONFIGURABLE DIVIDER
REV H 051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com