Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS674-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS674-01
Description  User Configurable Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS674-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS674-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ICS674-01
User Configurable Divider
MDS 674-01 A
5
Revision 033199
Printed 11/15/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA • 95126 •(408)295-9800tel•(408)295-9818fax
PRELIMINARY INFORMATION
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (stresses be oond these can permanentl damage the deevice)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Ambient Operating Temperature
I version
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage Temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5.0V unless oth
herwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH
All A, B, and S pins
2
V
Input Low Voltage, VIL
All A, B, and S pins
0.8
V
Input High Voltage, VIH, INA and INB only
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL, INA and INB only
VDD/2
(VDD/2)-1
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
IDD, Op. Supply Cur., DivA=DivB=20 at 3.3 V
No Load, fin=100 MHz
3
mA
IDD, Op. Supply Cur., DivA=DivB=20 at 5 V
No Load, fin=100 MHz
5
mA
Short Circuit Current, outputs
±70
mA
On-Chip Pull-up Resistor
A, B, S select pins
270
k
Ω
Input Capacitance
A, B, S select pins
5
pF
AC CHARACTERISTICS (VDD = 5.0V unless oth
herwise noted)
Input Frequency, Divider A
at 3.3 V
0
135
MHz
Input Frequency, Divider B
at 3.3 V
0
180
MHz
Input Frequency, Divider A
at 5 V
0
200
MHz
Input Frequency, Divider B
at 5 V
0
235
MHz
Input Frequency, Divider A (Industrial temperature) at 3.3 V at 85 °C
0
125
MHz
Input Frequency, Divider B (Industrial temperature) at 3.3 V at 85 °C
0
170
MHz
Input Frequency, Divider A (Industrial temperature) at 5 V at 85 °C
0
190
MHz
Input Frequency, Divider B (Industrial temperature) at 5 V at 85 °C
0
220
MHz
Output Clock Rise Time
0.8 to 2.0V
1
ns
Output Clock Fall Time
2.0 to 0.8V
1
ns
OUTB Clock Duty Cycle (see note)
at VDD/2
45
49 to 51
55
%
OUTB Clock Duty Cycle, odd post dividers
at VDD/2, except PD=1
40
60
%
OUTA Clock Duty Cycle (see note)
at VDD/2
20
98.5
%
Note:
The duty cycle of OUTA is dependent on the selected divide. This is because OUTA goes low for 2 input
clock cycles on INA. So, for example, if a divide of 20 is selected, the duty cycle will be 90%.
Similarly, if PD=1 is selected for OUTB, the duty cycle will be dependent on the selected divide. In this
case OUTB goes high for approximately 8 input clock cycles on INB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com