Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP1G374GS Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G374GS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G374GS
Download  74AUP1G374GS Download
File Size   303.48 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power D-type flip-flop; positive-edge trigger; 3-state

74AUP1G374GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G374GS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G374GS
Download  74AUP1G374GS Click to download

File Size   303.48 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power D-type flip-flop; positive-edge trigger; 3-state

74AUP1G374GS Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G374GS Product details

1. General description
The 74AUP1G374 is a single D-type flip-flop; positive-edge trigger (3-state). Schmitt-trigger action
at all inputs makes the circuit tolerant of slower input rise and fall times. This device ensures very
low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This
device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables
the output, preventing the potentially damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• CMOS low power dissipation
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A. Exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G374GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G374GF NXP-74AUP1G374GF Datasheet
112Kb / 20P
Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 04-26 June 2009
74AUP1G374GM NXP-74AUP1G374GM Datasheet
112Kb / 20P
Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 04-26 June 2009
74AUP1G374GW NXP-74AUP1G374GW Datasheet
112Kb / 20P
Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 04-26 June 2009
logo
Nexperia B.V. All right...
74AUP1G374GW-Q100 NEXPERIA-74AUP1G374GW-Q100 Datasheet
712Kb / 18P
Low-power D-type flip-flop; positive-edge trigger 3-state
More results


Similar Description - 74AUP1G374GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
74AUP1G374 NXP-74AUP1G374 Datasheet
112Kb / 20P
Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 04-26 June 2009
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74AUP1G374-Q100 NEXPERIA-74AUP1G374-Q100 Datasheet
712Kb / 18P
Low-power D-type flip-flop; positive-edge trigger 3-state
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com