Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASA00311D Datasheet (PDF) - NXP Semiconductors

98ASA00311D Datasheet PDF - NXP Semiconductors
Part # 98ASA00311D
Download  98ASA00311D Download
File Size   2200.4 Kbytes
Page   72 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Voltage range: 1.71 to 3.6 V

98ASA00311D Datasheet (PDF)

Go To PDF Page Download Datasheet
98ASA00311D Datasheet PDF - NXP Semiconductors

Part # 98ASA00311D
Download  98ASA00311D Click to download

File Size   2200.4 Kbytes
Page   72 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Voltage range: 1.71 to 3.6 V

98ASA00311D Datasheet (HTML) - NXP Semiconductors


98ASA00311D Product details

Features
• Operating Characteristics
– Voltage range: 1.71 to 3.6 V
– Flash write voltage range: 1.71 to 3.6 V
– Temperature range (ambient): -40 to 85°C
– Temperature range (ambient): 0 to 70°C
• Performance
– Up to 100 MHz ARM Cortex-M4 core with DSP
instructions delivering 1.25 Dhrystone MIPS per
MHz
• Memories and memory interfaces
– Up to 512 KB program flash memory on non-
FlexMemory devices
– Up to 128 KB RAM
– Serial programming interface (EzPort)
– FlexBus external bus interface
• Clocks
– 3 to 32 MHz crystal oscillator
– 32 kHz crystal oscillator
– Multi-purpose clock generator
• System peripherals
– Multiple low-power modes to provide power
optimization based on application requirements
– Memory protection unit with multi-master
protection
– 16-channel DMA controller, supporting up to 63
request sources
– External watchdog monitor
– Software watchdog
– Low-leakage wakeup unit
• Security and integrity modules
– Hardware CRC module to support fast cyclic
redundancy checks
– Hardware random-number generator
– Hardware encryption supporting DES, 3DES, AES,
MD5, SHA-1, and SHA-256 algorithms
– 128-bit unique identification (ID) number per chip
Human-machine interface
– Low-power hardware touch sensor interface (TSI)
– General-purpose input/output
Analog modules
– Two 16-bit SAR ADCs
– Programmable gain amplifier (PGA) (up to x64)
integrated into each ADC
– Two 12-bit DACs
– Three analog comparators (CMP) containing a 6-bit
DAC and programmable reference input
– Voltage reference
Timers
– Programmable delay block
– Eight-channel motor control/general purpose/PWM
timer
– Two 2-channel quadrature decoder/general purpose
timers
– IEEE 1588 timers
– Periodic interrupt timers
– 16-bit low-power timer
– Carrier modulator transmitter
– Real-time clock
Communication interfaces
– Ethernet controller with MII and RMII interface to
external PHY and hardware IEEE 1588 capability
– USB full-/low-speed On-the-Go controller with onchip
transceiver
– Two Controller Area Network (CAN) modules
– Three SPI modules
– Two I2C modules
– Six UART modules
– Secure Digital host controller (SDHC)
– I2S module




Similar Part No. - 98ASA00311D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
98ASA00344D NXP-98ASA00344D Datasheet
1Mb / 80P
Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
98ASA00346D NXP-98ASA00346D Datasheet
1Mb / 94P
K61 Sub-Family Supports the following
Rev. 7, 02/2018
98ASA00367D NXP-98ASA00367D Datasheet
1Mb / 72P
17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
98ASA00368D NXP-98ASA00368D Datasheet
1Mb / 72P
17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
98ASA00368D NXP-98ASA00368D Datasheet
1Mb / 71P
10 mOhm and 25 mOhm high-side switches
Rev. 4.0, 9/2020
More results


Similar Description - 98ASA00311D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K10P81M100SF2 FREESCALE-K10P81M100SF2_11 Datasheet
1Mb / 64P
K10 Sub-Family Data Sheet Supports the following Flash write voltage range: 1.71 to 3.6 V
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20336H CYPRESS-CY8C20336H Datasheet
831Kb / 33P
Haptics Enabled CapSense Controller 1.71-V to 5.5-V operating range
logo
Analog Devices
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
logo
Freescale Semiconductor...
KL26P121M48SF4 FREESCALE-KL26P121M48SF4 Datasheet
1Mb / 60P
Operating Characteristics Voltage range: 1.71 to 3.6 V
logo
Skyworks Solutions Inc.
SKY66108 SKYWORKS-SKY66108_11 Datasheet
1Mb / 13P
2.0 V to 3.6 V supply operation
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
List of Unclassifed Man...
8600 ETC2-8600 Datasheet
5Mb / 7P
Voltage range up to 500 V
logo
NXP Semiconductors
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com