Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet (PDF) - NXP Semiconductors

M68HC08 Datasheet PDF - NXP Semiconductors
Part # M68HC08
Download  M68HC08 Download
File Size   3239.97 Kbytes
Page   312 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-performance M68HC08 architecture

M68HC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
M68HC08 Datasheet PDF - NXP Semiconductors

Part # M68HC08
Download  M68HC08 Click to download

File Size   3239.97 Kbytes
Page   312 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-performance M68HC08 architecture

M68HC08 Datasheet (HTML) - NXP Semiconductors


M68HC08 Product details

Features
Features include the following:
High-performance M68HC08 architecture
Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
8.4-MHz internal bus frequency at 125°C
MSCAN08 controller (scalable CAN) (implementing CAN 2.0b protocol as defined in BOSCH
specification September, 1991)
Available in 64-pin quad flat pack (QFP)
32,256 bytes user read-only memory (ROM)
User ROM data security(1)
512 bytes of on-chip electrically erasable programmable read-only memory (EEPROM) with
security feature
1 Kbyte of on-chip random-access memory (RAM)
Serial peripheral interface (SPI) module
Serial communications interface (SCI) module
16-bit timer interface module (TIMA) with six input capture/output compare channels
16-bit timer interface module (TIMB) with two input capture/output compare channels
Programmable interrupt timer (PIT)
Clock generator module (CGM)
8-bit, 15-channel analog-to-digital convertor (ADC)
5-bit keyboard interrupt module (KBI)
System protection features:
– Computer operating properly (COP) with optional reset
– Low-voltage detection with optional reset
– Illegal opcode detection with optional reset
– Illegal address detection with optional reset
Low-power design (fully static with stop and wait modes)
Master reset pin and power-on reset (POR)
Features of the CPU08 include:
Enhanced HC05 programming model
Extensive loop control functions
16 addressing modes (eight more than the HC05)
16-bit index register and stack pointer
Memory-to-memory data transfers
Fast 8 × 8 multiply instruction
Fast 16/8 divide instruction
Binary-coded decimal (BCD) instructions
Optimization for controller applications
C language support




Similar Part No. - M68HC08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
M68HC08 MOTOROLA-M68HC08 Datasheet
3Mb / 410P
M68HC08 Family of 8-bit microcontroller units (MCUs)
M68HC08 MOTOROLA-M68HC08 Datasheet
3Mb / 408P
Microcontrollers
logo
Freescale Semiconductor...
M68HC08 FREESCALE-M68HC08 Datasheet
778Kb / 124P
Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 288P
Microcontrollers
More results


Similar Description - M68HC08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908KX2MDWE FREESCALE-MC908KX2MDWE Datasheet
1Mb / 210P
High-performance M68HC08 architecture, Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
logo
ATMEL Corporation
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
High-performance 32-bit RISC Architecture
AT91M55800A ATMEL-AT91M55800A_14 Datasheet
505Kb / 256P
High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
High-performance 32-bit RISC Architecture
logo
NXP Semiconductors
68HC08KL8 NXP-68HC08KL8 Datasheet
3Mb / 256P
High-Performance M68HC08 Architecture
Rev. 2.0
MC68HC08PT48 NXP-MC68HC08PT48 Datasheet
4Mb / 352P
High-performance M68HC08 architecture
Rev. 2.0
MC68HC08AS20 NXP-MC68HC08AS20 Datasheet
5Mb / 386P
High-Performance M68HC08 Architecture
Rev. 4.1 July 13, 2005
MC68HC08AS32A NXP-MC68HC08AS32A Datasheet
4Mb / 296P
High-performance M68HC08 architecture
Rev. 1.1 July 14, 2005
MC68HC08AS32 NXP-MC68HC08AS32_V01 Datasheet
4Mb / 280P
High-performance M68HC08 architecture
Rev. 4.1 July 13, 2005
MC68HC08GZ32 NXP-MC68HC08GZ32 Datasheet
5Mb / 320P
High-performance M68HC08 architecture optimized for C-compilers
Rev. 3.0 10/2006
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com