Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

841602AGILF Datasheet (PDF) - Renesas Technology Corp

841602AGILF Datasheet PDF - Renesas Technology Corp
Part # 841602AGILF
Download  841602AGILF Download
File Size   694.39 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock NG Crystal-to-HCSL Clock Generator

841602AGILF Datasheet (PDF)

Go To PDF Page Download Datasheet
841602AGILF Datasheet PDF - Renesas Technology Corp

Part # 841602AGILF
Download  841602AGILF Click to download

File Size   694.39 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock NG Crystal-to-HCSL Clock Generator

841602AGILF Datasheet (HTML) - Renesas Technology Corp


841602AGILF Product details

FEATURES
• Two differential clock outputs: confi gurable for PCIe (100MHz)
and sRIO (125MHz) clock signals
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or LVCMOS/LVTTL single-ended reference
clock input
• Supports the following output frequencies:
100MHz or 125MHz
• VCO: 500MHz
• PLL bypass and output enable
• PCI Express (2.5Gb/s) and Gen 2 (5 Gb/s) jitter compliant
• RMS phase jitter, 125MHz, using a 25MHz crystal:
(1.875MHz – 20MHz): 0.45ps (typical)
• Full 3.3V power supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 841602AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841602AGILF IDT-841602AGILF Datasheet
418Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
841602AGILFT IDT-841602AGILFT Datasheet
418Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
More results


Similar Description - 841602AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
841602 IDT-841602 Datasheet
418Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
841604 IDT-841604 Datasheet
414Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
841608 IDT-841608 Datasheet
619Kb / 23P
FemtoClock Crystal-to-HCSL Clock Generator
841654 IDT-841654 Datasheet
293Kb / 18P
FemtoClock NG Crystal-to-HCSL Clock Generator
ICS841664I IDT-ICS841664I_13 Datasheet
374Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com