Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-81 Datasheet (PDF) - Renesas Technology Corp

ICS9248-81 Datasheet PDF - Renesas Technology Corp
Part # ICS9248-81
Download  ICS9248-81 Download
File Size   1063.43 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator & Integrated Buffers

ICS9248-81 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9248-81 Datasheet PDF - Renesas Technology Corp

Part # ICS9248-81
Download  ICS9248-81 Click to download

File Size   1063.43 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator & Integrated Buffers

ICS9248-81 Datasheet (HTML) - Renesas Technology Corp


ICS9248-81 Product details

Features
+ Generates the following system clocks:
-3 CPU(2.5V/3.3V) up to 133.3MHz.
-6 PCI(3.3V) (including 1 free-running)
- 13 SDRAMSs(3.3V) up to 133.3MHz.
-3 REF (3.3V) @ 14.318MHz
-1 clock @ 24/14.3 MHz selectable output for SIO
-1 Fixed clock at48MHz (3.3V)
-1 IOAPIC@2.5V/3.3V
+ Skew characteristics:
- CPU - CPU<175ps
- SDRAM — SDRAM < 250ps
-CPU-SDRAM < 500ps
-CPU(early)—PCI: 1-4ns (typ. 3ns)
- PCI - PCI <500ps
+ Supports Spread Spectrum modulation +0.25 & £0.5%
center spread
+ Serial 1'C interface for Power Management, Frequency
Select, Spread Spectrum.
« Efficient Power management scheme through PCI,
SDRAM, CPU STOP CLOCKS and PD#.
+ Uses external 14.318MHz crystal
+ 48 pin 300mil SSOP.




Similar Part No. - ICS9248-81

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
Frequency Generator & Integrated Buffers
Rev E 10/12/99
More results


Similar Description - ICS9248-81

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev B 04/25/01
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevA 5/29/97
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 072897
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 020398
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
Frequency Generator & Integrated Buffers
Rev B 11/16/00
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
Frequency Generator & Integrated Buffers
Rev E 10/12/99
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
Frequency Generator & Integrated Buffers
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com