Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH22S Datasheet (PDF) - WJ Communication. Inc.

AH22S Datasheet PDF - WJ Communication. Inc.
Part # AH22S
Download  AH22S Download
File Size   299.96 Kbytes
Page   4 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range CATV Amplifier

AH22S Datasheet (PDF)

Go To PDF Page Download Datasheet
AH22S Datasheet PDF - WJ Communication. Inc.

Part # AH22S
Download  AH22S Click to download

File Size   299.96 Kbytes
Page   4 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range CATV Amplifier

AH22S Datasheet (HTML) - WJ Communication. Inc.


AH22S Product details

Product Description
The AH22S is a high dynamic range amplifier targeting cable TV markets. The combination of gain flatness, high linearity, and bandwidth makes it ideal for CATV distribution, cable modem, and laser diode driver applications.
The device uses two matched devices and is ideal for operation in a push-pull configuration to achieve high second order linearity. A mature and reliable GaAs MESFET technology is employed to maximize linearity at low power dissipation. The dual amplifier is housed in an industry standard surface-mount SOIC-8 package with all devices being 100% RF and dc tested. This device is available in a lead-free/green/RoHS-compliant package with NiPdAu plating material on the leads. It is compatible with both lead-free and lead soldering processes.

Product Features
● 50 – 1000 MHz
● ±0.2 dB Gain Flatness
● +25 dBm P1dB
● -74 dBc CTB / CSO +39dBmV/channel, 77 channels
● +43 dBm Output IP3
● +77 dBm Output IP2
● Matched amplifiers for a push-pull configuration
● +5V Single Positive Supply
● MTTF > 1000 years

Applications
● CATV Head End Equipment
● CATV Line Amplifiers
● FTTH Repeaters




Similar Part No. - AH22S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH22S-G TRIQUINT-AH22S-G Datasheet
165Kb / 4P
High Dynamic Range CATV Amplifier
AH22S-PCB TRIQUINT-AH22S-PCB Datasheet
165Kb / 4P
High Dynamic Range CATV Amplifier
AH22S TRIQUINT-AH22S_15 Datasheet
165Kb / 4P
High Dynamic Range CATV Amplifier
More results


Similar Description - AH22S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
High Dynamic Range Amplifier
AH11 ETC-AH11 Datasheet
127Kb / 6P
High Dynamic Range Amplifier
AH22 ETC-AH22 Datasheet
92Kb / 5P
High Dynamic Range CATV Amplifier
HE389A ETC1-HE389A Datasheet
97Kb / 1P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
AH2 WJCI-AH2 Datasheet
393Kb / 5P
High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH22S TRIQUINT-AH22S_15 Datasheet
165Kb / 4P
High Dynamic Range CATV Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com