Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD05 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SD05 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SD05
Download  SD05 Download
File Size   1444.06 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Bl-directional TVS Diode

SD05 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD05 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SD05
Download  SD05 Click to download

File Size   1444.06 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Bl-directional TVS Diode

SD05 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SD05 Product details

Features
350W peak pulse power (8/20us)
Protects one data or power line
Ultra low leakage: nA level
Operating voltage: 5V
Ultra low clamping voltage
Complies with following standards:
—IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: +30kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
RoHS Compliant




Similar Part No. - SD05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
ON Semiconductor
SD05 ONSEMI-SD05 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
150Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Diodes Incorporated
SD05 DIODES-SD05 Datasheet
74Kb / 4P
UNI-DIRECTIONAL SURFACE MOUNT TVS
DS31594 Rev. 4 - 2
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
More results


Similar Description - SD05

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PESD1IVN24-AX TECHPUBLIC-PESD1IVN24-AX Datasheet
2Mb / 4P
Bl-directional TVS Diode
PSD05C TECHPUBLIC-PSD05C Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
SD05C TECHPUBLIC-SD05C Datasheet
2Mb / 4P
1-Line Bl-directional TVS Diode
SD05C-01FTG TECHPUBLIC-SD05C-01FTG Datasheet
791Kb / 4P
1-Line Bl-directional TVS Diode
SD12C TECHPUBLIC-SD12C Datasheet
1Mb / 4P
Bl-directional TVS Diode
SD36C TECHPUBLIC-SD36C Datasheet
1Mb / 4P
Bl-directional TVS Diode
TPCDSOD323-T05SC TECHPUBLIC-TPCDSOD323-T05SC Datasheet
1Mb / 4P
Bl-directional TVS Diode
TPCDSOD323-T12SC TECHPUBLIC-TPCDSOD323-T12SC Datasheet
1Mb / 4P
Bl-directional TVS Diode
TPE05GHC TECHPUBLIC-TPE05GHC Datasheet
1Mb / 4P
Bl-directional TVS Diode
PESD3V3S1BA TECHPUBLIC-PESD3V3S1BA Datasheet
1Mb / 4P
Bl-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com