Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCDSOD323-T12SC Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPCDSOD323-T12SC Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPCDSOD323-T12SC
Download  TPCDSOD323-T12SC Download
File Size   1049.4 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Bl-directional TVS Diode

TPCDSOD323-T12SC Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCDSOD323-T12SC Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPCDSOD323-T12SC
Download  TPCDSOD323-T12SC Click to download

File Size   1049.4 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Bl-directional TVS Diode

TPCDSOD323-T12SC Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPCDSOD323-T12SC Product details

Features
* 350W peak pulse power (8/20ps)
* Protects one data or power line
* Ultra low leakage: nA level
* Operating voltage: 12V
* Ultra low clamping voltage
* Complies with following standards:
—IEC 61000-4-2 (ESD) immunity test
Air discharge: £30kV
Contact discharge: +£30kV
— IEC61000-4-4 (Lightning) 16A (8/20ns)
— CDSOD323-T12SC Pin to Pin fully compatible




Similar Part No. - TPCDSOD323-T12SC

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPCDSOD323-T15S TECHPUBLIC-TPCDSOD323-T15S Datasheet
2Mb / 4P
1-Line Unl-directional TVS Diode
More results


Similar Description - TPCDSOD323-T12SC

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PESD1IVN24-AX TECHPUBLIC-PESD1IVN24-AX Datasheet
2Mb / 4P
Bl-directional TVS Diode
PSD05C TECHPUBLIC-PSD05C Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
SD05 TECHPUBLIC-SD05 Datasheet
1Mb / 4P
Bl-directional TVS Diode
SD05C TECHPUBLIC-SD05C Datasheet
2Mb / 4P
1-Line Bl-directional TVS Diode
SD05C-01FTG TECHPUBLIC-SD05C-01FTG Datasheet
791Kb / 4P
1-Line Bl-directional TVS Diode
SD12C TECHPUBLIC-SD12C Datasheet
1Mb / 4P
Bl-directional TVS Diode
SD36C TECHPUBLIC-SD36C Datasheet
1Mb / 4P
Bl-directional TVS Diode
TPCDSOD323-T05SC TECHPUBLIC-TPCDSOD323-T05SC Datasheet
1Mb / 4P
Bl-directional TVS Diode
TPE05GHC TECHPUBLIC-TPE05GHC Datasheet
1Mb / 4P
Bl-directional TVS Diode
PESD3V3S1BA TECHPUBLIC-PESD3V3S1BA Datasheet
1Mb / 4P
Bl-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com