Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS232 Datasheet (PDF) - Future Technology Devices International Ltd.

RS232 Datasheet PDF - Future Technology Devices International Ltd.
Part # RS232
Download  RS232 Download
File Size   367.33 Kbytes
Page   15 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables

RS232 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS232 Datasheet PDF - Future Technology Devices International Ltd.

Part # RS232
Download  RS232 Click to download

File Size   367.33 Kbytes
Page   15 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables

RS232 Datasheet (HTML) - Future Technology Devices International Ltd.


RS232 Product details

Features
- USB-RS232 converter cable provides a USB to RS232 serial interface with customised end connectors.
- Entire USB protocol handled by the electronics in the cable USB.
- EIA/TIA-232 and V.28/V.24 communication interface with low power requirements.
- UART interface support for 7 or 8 data bits, 1 or 2 stop bits and odd / even / mark / space / no parity.
- Internal EEPROM with user writeable area.
- FTDI’s royalty-free VCP allow for communication as a standard emulated COM port and D2XX ‘direct’ drivers provide DLL application programming interface.
- Visual indication of Tx and Rx traffic via LEDs in the transparent USB connector.
- Fully assisted hardware (RTS#/CTS#) or X-On / X-Off software handshaking.
- Data transfer rates from 300 baud to 1 Mbaud.
- Support for FT232R FTDIChip-ID™ feature for improved security.
- Low USB bandwidth consumption.
- UHCI / OHCI / EHCI host controller compatible.
- USB 2.0 Full Speed compatible.
- -40°C to +85°C operating temperature range.
- Cable length is 1.80m (6 feet).
- ESD Protection for RS-232 I/O's
±15kV Human Body Model (HBM)
±15kV EN61000-4-2 Air Gap Discharge
±8kV EN61000-4-2 Contact Discharge
- FCC and CE compliant.
- Custom versions available on request (subject to MOQ).




Similar Part No. - RS232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS232 ETC-RS232 Datasheet
7Kb / 1P
RS232 Interface using MAX232
RS232 ETC1-RS232 Datasheet
144Kb / 11P
PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
National Instruments Co...
RS232 NI-RS232 Datasheet
477Kb / 7P
Wireless Sensor Network Serial Nodes NI WSN-3230 (RS232), NI WSN-3231 (RS485)
logo
Linear Technology
RS232 LINER-RS232 Datasheet
337Kb / 20P
Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
RS232 LINER-RS232 Datasheet
337Kb / 20P
Transceivers
More results


Similar Description - RS232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS_USB_RS232_PCB ETC2-DS_USB_RS232_PCB Datasheet
423Kb / 16P
Future Technology Devices International Ltd USB to RS232 UART Serial Converter PCB Datasheet
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT_000077 FTDI-FT_000077 Datasheet
368Kb / 15P
Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
FT-000117 FTDI-FT-000117 Datasheet
512Kb / 16P
Future Technology Devices International Ltd USB to RS485 Serial Converter Cable
27th July 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com