Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9145 Datasheet (PDF) - Torex Semiconductor

XC9145 Datasheet PDF - Torex Semiconductor
Part # XC9145
Download  XC9145 Download
File Size   1057.33 Kbytes
Page   28 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 400nA Ultra-Low Quiescent, 0.8A, PWM/PFM Step-up DC/DC Converters

XC9145 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9145 Datasheet PDF - Torex Semiconductor

Part # XC9145
Download  XC9145 Click to download

File Size   1057.33 Kbytes
Page   28 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 400nA Ultra-Low Quiescent, 0.8A, PWM/PFM Step-up DC/DC Converters

XC9145 Datasheet (HTML) - Torex Semiconductor


XC9145 Product details

■FEATURES
Input Voltage Range : 0.65V ~ 5.5V
Fixed Output Voltage : 3.0V ~ 5.5V (0.1V increments)
Output Current : 430mA @VOUT=5.0V, VBAT=3.3V
300mA @VOUT=3.3V, VBAT =1.8V
Oscillation Frequency : 1.2MHz
Quiescent Current : 400nA
Efficiency : 89.9% @VIN=2.4V, VOUT=3.3V, IOUT=10μA
93.2% @VIN=2.4V, VOUT=3.3V, IOUT=100mA
Control Mode : Auto PWM/PFM
Load transient response : 300mV
@VOUT=3.3V, VBAT=1.8V, IOUT=1mA→200mA
Protection function : Current Limit
Functions : Soft start
Load Disconnection
Operating Ambient Temperature : -40℃ ~ 105℃
Package : USP-6C (1.8x2.0x0.6mm)
WLP-6-05 (1.08x1.28x0.4mm)
Environmentally Friendly : EU RoHS Compliant, Pb Free




Similar Part No. - XC9145

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
Step-Up Synchronous PFM DC/DC Converter
XC9141 TOREX-XC9141 Datasheet
1Mb / 30P
Load Disconnection Function, 0.8A Step-up DC/DC Converters
XC9142 TOREX-XC9142 Datasheet
1Mb / 30P
Load Disconnection Function, 0.8A Step-up DC/DC Converters
XC9147 TOREX-XC9147 Datasheet
1Mb / 43P
Highly functionality, 1.4A Step-up DC/DC Converters
XC9148 TOREX-XC9148 Datasheet
1Mb / 43P
Highly functionality, 1.4A Step-up DC/DC Converters
More results


Similar Description - XC9145

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
PFM/PWM Step-Up DC/DC Converter
2003
logo
Torex Semiconductor
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
XC6382 TOREX-XC6382 Datasheet
280Kb / 17P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
logo
Unisonic Technologies
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com