Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9148 Datasheet (PDF) - Torex Semiconductor

XC9148 Datasheet PDF - Torex Semiconductor
Part # XC9148
Download  XC9148 Download
File Size   1663.39 Kbytes
Page   43 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Highly functionality, 1.4A Step-up DC/DC Converters

XC9148 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9148 Datasheet PDF - Torex Semiconductor

Part # XC9148
Download  XC9148 Click to download

File Size   1663.39 Kbytes
Page   43 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Highly functionality, 1.4A Step-up DC/DC Converters

XC9148 Datasheet (HTML) - Torex Semiconductor


XC9148 Product details

■FEATURES
Input Voltage Range
Fixed Output Voltage
Oscillation Frequency
Output Current
Control Mode Selection
Load Transient Response
Protection Function

■APPLICATIONS
●Portable equipment
●Beauty & health equipment
●Wearable devices
●Game & Hobby
●PC Peripherals
●Devices with 1~3 Alkaline,
1~3 Nickel Hydride,
1 Lithium and 1 Li-ion




Similar Part No. - XC9148

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
Step-Up Synchronous PFM DC/DC Converter
XC9141 TOREX-XC9141 Datasheet
1Mb / 30P
Load Disconnection Function, 0.8A Step-up DC/DC Converters
XC9142 TOREX-XC9142 Datasheet
1Mb / 30P
Load Disconnection Function, 0.8A Step-up DC/DC Converters
XC9145 TOREX-XC9145 Datasheet
1Mb / 28P
400nA Ultra-Low Quiescent, 0.8A, PWM/PFM Step-up DC/DC Converters
More results


Similar Description - XC9148

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
XC6382 TOREX-XC6382 Datasheet
280Kb / 17P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
Micropower Step-Up DC/DC Converters
logo
Linear Technology
LTC3458 LINER-LTC3458_15 Datasheet
318Kb / 16P
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
Unisonic Technologies
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
Low-Noise Step-Up DC-DC Converters
2005
logo
Torex Semiconductor
XCL105 TOREX-XCL105 Datasheet
2Mb / 41P
1.4A, Inductor Built-in Step-up DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com