Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8088AWSC Datasheet (PDF) - Richtek Technology Corporation

RT8088AWSC Datasheet PDF - Richtek Technology Corporation
Part # RT8088AWSC
Download  RT8088AWSC Download
File Size   236.93 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2.7MHz 3A Step-Down Converter with I2C Interface

RT8088AWSC Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8088AWSC Datasheet PDF - Richtek Technology Corporation

Part # RT8088AWSC
Download  RT8088AWSC Click to download

File Size   236.93 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2.7MHz 3A Step-Down Converter with I2C Interface

RT8088AWSC Datasheet (HTML) - Richtek Technology Corporation


RT8088AWSC Product details

General Description
The RT8088A is a full featured 5.5V, 3A, Constant-On-
Time (COT) synchronous step-down converter with two
integrated MOSFETs. The current mode COT operation
with internal compensation allows the transient response
to be optimized over a wide range of loads and output
capacitors to efficiently reduce external component count.
The RT8088A provides up to 2.7MHz switching frequency
to minimize the size of output inductor and capacitors.
The output voltage is programmed through an I2C interface
capable of operating up to 400kHz.
The RT8088A is available in the WL-CSP-15B 1.31x2.11
(BSC) package.

Features
 2.5V to 5.5V Input Voltage Range
 Current Mode COT Control Loop Design
 Fast Transient Response
 Internal 48mΩ and 22mΩ Synchronous Rectifier
 I2C compatible interface up to 400kHz
 Highly Accurate VOUT Regulation Over Load/Line
Range
 Robust Loop Stability with Low-ESR COUT
 RoHS Compliant and Halogen Free

Applications
 Distributed Power Systems
 Enterprise Servers, Ethernet Switches & Routers, and
Global Storage Equipment
 Telecom & Industrial Equipment




Similar Part No. - RT8088AWSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
3A, 1MHz, Synchronous Step-Down Converter
More results


Similar Description - RT8088AWSC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC493 SEMTECH-SC493 Datasheet
559Kb / 28P
EcoSpeedTM Step-down Controller with I2C Interface
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8868 MPS-MP8868 Datasheet
2Mb / 27P
High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8865-Q-00A MPS-EV8865-Q-00A Datasheet
458Kb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
logo
Richtek Technology Corp...
RTQ2134-QA RICHTEK-RTQ2134-QA Datasheet
2Mb / 50P
2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com