Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8088AWSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8088AWSC
Description  2.7MHz 3A Step-Down Converter with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8088AWSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8088AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
DS8088A-01 August 2017
www.richtek.com
RT8088A
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
A1, B1, C1
PVIN
Input Supply Voltage, 2.5V to 5.5V.
A2, B2
LX
Switch Node. The Source of the internal high-side power MOSFET, and Drain of
the internal low-side (synchronous) rectifier MOSFET.
A3, B3, C2, C3 PGND
Power Ground.
D1
AVIN
Analog Circuit Input Supply Voltage.
D2
EN
Enable Control Input. Pull high to enable.
D3
SDA
I
2
C Data Signal.
E1
AGND
Analog Ground Should be Electrically Connected to GND Close to the Device.
E2
SCL
I
2
C Clock Signal.
E3
FB
Feedback Voltage Input.
PVIN
AGND
PGND
EN
+
-
VREF
Shutdown
Control
LX
FB
SDA
Driver
TON
Logic
Control
LX
Current
Limit
Detector
Current
Sense
LX
AZC
LX
Comparator
+
-
RC
CCOMP
I
2
C Control
+
AVIN
Error Amplifier
UVLO
OTP
SCL
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com