Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8088AWSC Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8088AWSC
Description  2.7MHz 3A Step-Down Converter with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8088AWSC Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8088AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT8088AWSC Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
DS8088A-01 August 2017
www.richtek.com
RT8088A
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Register
Name
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Meaning
EN
VOLT_SEL
Default
1
1
1
0
0
1
0
0
PROG
0x11
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EN
0 : Disabled
1 : Enabled
VOLT_SEL
VID Table satisfy :
SEL [6:0] = 1111111 : VOUT = 1393.75mV
...
SEL [6:0] = 1100100 : VOUT = 1.225V (default)
...
SEL [6:0] = 0000000 : VOUT = 0.6V
6.25mV step for DCDC, VOUT = 600mV + 6.25mV x SEL
Register
Name
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Meaning
RESV
DISCHG
RESV
Default
0
0
0
0
0
0
0
0
DISCHARGE 0x12
Read/Write
R
R
R
R/W
R
R
R
R
RESV
Reserved bits
DISCHG
0 : discharge path disabled
1 : discharge path enabled
RESV
Reserved bits
Register
Name
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Meaning
PWM
RESV
DVSMODE
RESV
Default
0
0
0
0
0
0
0
0
COMMAND 0x14
Read/Write
R/W
R
R/W
R
R
R
R
R
PWM
0 : Auto
1 : Forced PWM
RESV
Reserved bits
DVSMODE
0 : Auto DVS transition mode
1 : Forced PWM DVS transition
RESV
Reserved bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com