Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD4002X5 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD4002X5 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD4002X5
Download  TPESD4002X5 Download
File Size   1204.41 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low-Capacitance Array with 15-kV ESD Protection

TPESD4002X5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD4002X5 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD4002X5
Download  TPESD4002X5 Click to download

File Size   1204.41 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low-Capacitance Array with 15-kV ESD Protection

TPESD4002X5 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD4002X5 Product details

Features
Ultra low capacitance: 3.5pF(Max)
Ultra low leakage: nA level
Low operating voltage: 5.5V
Low clamping voltage
Complies with following standards:
— |IEC 61000-4-2 (ESD) immunity test
Air discharge: +20kV
Contact discharge: +15kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
ROHS Compliant




Similar Part No. - TPESD4002X5

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD4114-563 TECHPUBLIC-TPESD4114-563 Datasheet
1Mb / 4P
Low Capacitance TVS Diod
TPESD4USB3U-TBSX TECHPUBLIC-TPESD4USB3U-TBSX Datasheet
1Mb / 4P
4-Lines Uni-directional Channels ESD protection
TPESD4USB3U-TTSX TECHPUBLIC-TPESD4USB3U-TTSX Datasheet
1Mb / 4P
4-Lines Uni-directional Channels ESD protection
TPESD4USB5B-TBSX TECHPUBLIC-TPESD4USB5B-TBSX Datasheet
1Mb / 4P
4-Line Ultra Low Capacitance TVS Diode Array
TPESD4USB5B-TTSX TECHPUBLIC-TPESD4USB5B-TTSX Datasheet
1Mb / 4P
4-Line Ultra Low Capacitance TVS Diode Array
More results


Similar Description - TPESD4002X5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E002 TI-TPD4E002 Datasheet
237Kb / 8P
QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002 TI-TPD4E002_10 Datasheet
306Kb / 8P
QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Texas Instruments
TPD4E002 TI1-TPD4E002_14 Datasheet
614Kb / 12P
QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
logo
TECH PUBLIC Electronics...
TPD4E002DRLR-TP TECHPUBLIC-TPD4E002DRLR-TP Datasheet
2Mb / 5P
Low-Capacitance Array with ±15-kV ESD Protection
DZQA6V8AXV5 TECHPUBLIC-DZQA6V8AXV5 Datasheet
1Mb / 4P
Low-Capacitance Array with ±15-kV ESD Protection
ESDA6V8AV5 TECHPUBLIC-ESDA6V8AV5 Datasheet
1Mb / 4P
Low-Capacitance Array with ±15-kV ESD Protection
NZQA6V8AXV5T1G TECHPUBLIC-NZQA6V8AXV5T1G Datasheet
1Mb / 4P
Low-Capacitance Array with ±15-kV ESD Protection
PESD5V0L4UW TECHPUBLIC-PESD5V0L4UW Datasheet
1Mb / 4P
Low-Capacitance Array with ±15-kV ESD Protection
SP1001-04XTG TECHPUBLIC-SP1001-04XTG Datasheet
1Mb / 4P
Low-Capacitance Array with 15-kV ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com