Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2371 Datasheet (PDF) - Maxim Integrated Products

MAX2371 Datasheet PDF - Maxim Integrated Products
Part # MAX2371
Download  MAX2371 Download
File Size   148.01 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description LNAs with Step Attenuator and VGA

MAX2371 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2371 Datasheet PDF - Maxim Integrated Products

Part # MAX2371
Download  MAX2371 Click to download

File Size   148.01 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description LNAs with Step Attenuator and VGA

MAX2371 Datasheet (HTML) - Maxim Integrated Products


MAX2371 Product details

General Description
The MAX2371/MAX2373 wideband low-noise amplifier (LNA) ICs are designed for direct conversion receiver (DCR) or very low intermediate frequency (VLIF) receiver applications. They contain single-channel, single-ended LNAs with switchable attenuator and automatic gain control (AGC) intended as a low-noise gain stage. These devices provide high gain-control range (typically 60dB) at radio frequency (RF) with excellent noise and reverse isolation characteristics.

Features
♦ Low Noise Figure (1.8dB typical)
♦ High Small-Signal Gain (15dB Nominal)
♦ Wide Frequency Range of Operation (100MHz to 1GHz)
♦ 20dB Step Attenuator
♦ 45dB AGC Range Excluding Step Attenuator
♦ 2.65V to 3.3V Single-Supply Operation
♦ Shutdown Mode
♦ 3.5mA Supply Current, Adjustable Down to 2.5mA
♦ 40dB Reverse Isolation

Applications
    Direct Conversion Receiver (DCR)
    Very Low IF Receiver




Similar Part No. - MAX2371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2371 MAXIM-MAX2371 Datasheet
303Kb / 7P
All Critical Peripheral Components Included
Rev 0; 2/02
MAX2371EVKIT MAXIM-MAX2371EVKIT Datasheet
303Kb / 7P
All Critical Peripheral Components Included
Rev 0; 2/02
More results


Similar Description - MAX2371

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
Reverse Amplifier with Step Attenuator
REV 2.1
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
Reverse Amplifier with Step Attenuator
Rev 2.1
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
Reverse Amplifier with Step Attenuator
Rev 1.3
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
Reverse Amplifier with Step Attenuator
Rev 0.0
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
Reverse Amplifier with Step Attenuator
Rev 2.2
logo
Maxim Integrated Produc...
MAX2674 MAXIM-MAX2674 Datasheet
1Mb / 9P
GPS/GNSS LNAs with Antenna Switch and Bias
Rev 0; 12/10
logo
ANADIGICS, Inc
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
Reverse Amplifier with Step Attenuator
Rev 2.7
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
Reverse Amplifier with Step Attenuator
logo
Maxim Integrated Produc...
MAX2674 MAXIM-MAX2674_V01 Datasheet
1Mb / 9P
GPS/GNSS LNAs with Antenna Switch and Bias
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com