Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAR0812FP Datasheet (PDF) - General Electric Company

CAR0812FP Datasheet PDF - General Electric Company
Part # CAR0812FP
Download  CAR0812FP Download
File Size   322.19 Kbytes
Page   15 Pages
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company
Description Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A

CAR0812FP Datasheet (PDF)

Go To PDF Page Download Datasheet
CAR0812FP Datasheet PDF - General Electric Company

Part # CAR0812FP
Download  CAR0812FP Click to download

File Size   322.19 Kbytes
Page   15 Pages
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company
Description Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A

CAR0812FP Datasheet (HTML) - General Electric Company


CAR0812FP Product details

Features
 Universal input with PFC
 Constant power characteristic
 2 front panel LEDs: LED1-input
LED2 - [output, fault, over temp]
 Remote ON/OFF control of the 12VDC output
 Remote sense on the 12VDC output
 No minimum load requirements
 Active load sharing (single wire)
 Hot Plug-ability
 Efficiency: typically 92.5% @ 50% load
and 90.0% @ 20% load
 Standby orderable either as 3.3VDC or 5VDC
 Auto recoverable OC & OT protection
 Operating temperature: -10 - 70C (de-rated above 50C)
 Digital status & control: I2C and PMBus serial bus
 EN/IEC/UL60950-1 2nd edition; UL, CSA and VDE
 EMI: class A or B FCC docket 20780 part 15, EN55022
 Meets EN6100 immunity and transient standards
 Shock & vibration: NEBS GR-63-CORE, level 3




Similar Part No. - CAR0812FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAR0812FP ETC2-CAR0812FP Datasheet
10Mb / 32P
End-to-End Embedded Power
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
850 Watt 12V Front End Power Supply
rev 100728
CAR0812FPBZ0-1A LINEAGEPOWER-CAR0812FPBZ0-1A Datasheet
223Kb / 2P
850 Watt 12V Front End Power Supply
rev 100728
More results


Similar Description - CAR0812FP

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
QSK033A0B41 LINEAGEPOWER-QSK033A0B41 Datasheet
405Kb / 15P
36 - 60 Vdc Input; 12Vdc Output; 33A Output Current
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Lineage Power Corporati...
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
-36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
-36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
90 - 264Vac input; 12Vdc output; 200W Output Power
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
Input: 85-264VAC, 47-63Hz, or 100-370 VDC
More results



Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com