Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN55022 Datasheet (PDF) - General Semiconductor

EN55022 Datasheet PDF - General Semiconductor
Part # EN55022
Download  EN55022 Download
File Size   197.12 Kbytes
Page   7 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A

EN55022 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN55022 Datasheet PDF - General Semiconductor

Part # EN55022
Download  EN55022 Click to download

File Size   197.12 Kbytes
Page   7 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A

EN55022 Datasheet (HTML) - General Semiconductor


EN55022 Product details

Description
The CAR2512FP series of Front-End rectifiers provide highly efficient isolated power from worldwide input mains in a compact 1U industry standard form factor in an unprecedented power density of 25W/in3 . These rectifiers are ideal for datacom applications such as enterprise networking, mid to high-end servers, and storage equipment, where mid to light load efficiency is of key importance given the nature of the power consumption of the end application.

Features
● Universal input with PFC
● Constant power characteristic
● 2 front panel LEDs: 1-input;2-[output, fault, over temp]
● Remote ON/OFF control of the 12Vdc output
● Remote sense on the 12Vdc output
● No minimum load requirements
● Active load sharing (single wire)
● Hot Plug-ability
● Efficiency: typically 92.5% @ 50% load and 90.0% @ 20% load
● Standby orderable either as 3.3Vdc or 5Vdc
● Auto recoverable OC & OT protection
● Operating temperature: -10 - 70°C (de-rated above 50°C)
● Digital status & control: I2C and PMBus serial bus
● EN/IEC/UL60950-1 2nd edition; UL, CSA and VDE
● EMI: class A FCC docket 20780 part 15, EN55022
● Meets EN6100 immunity and transient standards
● Shock & vibration: NEBS GR-63-CORE, level 3

Applications
● 12Vdc distributed power architectures
● Datacom and Telecom applications
● Mid to high-end Servers
● Enterprise Networking
● Network Attached Storage
● Telecom Access Nodes
● Routers/Switches
● Broadband Switches
● ATE Equipment




Similar Part No. - EN55022

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
EN55022 VICOR-EN55022 Datasheet
347Kb / 12P
ENMods Component Power Front End System for EN Compliance
logo
OSRAM GmbH
EN55022 OSRAM-EN55022 Datasheet
47Kb / 2P
PLANON lamp diagonal/colour code combinable ECG type(s)
EN55022 OSRAM-EN55022 Datasheet
47Kb / 2P
PLANON lamp diagonal/colour code combinable ECG type(s)
logo
Recom International Pow...
EN55022 RECOM-EN55022 Datasheet
123Kb / 2P
4 Watt Single/Dual Output
logo
List of Unclassifed Man...
EN55022-B ETC2-EN55022-B Datasheet
122Kb / 3P
Small and compact size
More results


Similar Description - EN55022

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
QSK033A0B41 LINEAGEPOWER-QSK033A0B41 Datasheet
405Kb / 15P
36 - 60 Vdc Input; 12Vdc Output; 33A Output Current
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
-36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
-36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
90 - 264Vac input; 12Vdc output; 200W Output Power
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
Input: 85-264VAC, 47-63Hz, or 100-370 VDC
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com