Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN55022 Datasheet (PDF) - OSRAM GmbH

EN55022 Datasheet PDF - OSRAM GmbH
Part # EN55022
Download  EN55022 Download
File Size   47.91 Kbytes
Page   2 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description PLANON lamp diagonal/colour code combinable ECG type(s)

EN55022 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN55022 Datasheet PDF - OSRAM GmbH

Part # EN55022
Download  EN55022 Click to download

File Size   47.91 Kbytes
Page   2 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description PLANON lamp diagonal/colour code combinable ECG type(s)

EN55022 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - EN55022

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
EN55022 VICOR-EN55022 Datasheet
347Kb / 12P
ENMods Component Power Front End System for EN Compliance
logo
OSRAM GmbH
EN55022 OSRAM-EN55022 Datasheet
47Kb / 2P
PLANON lamp diagonal/colour code combinable ECG type(s)
logo
Recom International Pow...
EN55022 RECOM-EN55022 Datasheet
123Kb / 2P
4 Watt Single/Dual Output
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
List of Unclassifed Man...
EN55022-B ETC2-EN55022-B Datasheet
122Kb / 3P
Small and compact size
More results


Similar Description - EN55022

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
15Z868 OSRAM-15Z868 Datasheet
47Kb / 2P
PLANON lamp diagonal/colour code combinable ECG type(s)
logo
NTE Electronics
RX1500-16 NTE-RX1500-16 Datasheet
46Kb / 7P
ECG Isopropanol
logo
Weidmuller
0462900000 WEIDMULLER-0462900000 Datasheet
55Kb / 2P
Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code: Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code:
logo
PHOENIX CONTACT
1212207 PHOENIX-1212207 Datasheet
53Kb / 2P
Diagonal cutter - CUTFOX-S VDE
1212480 PHOENIX-1212480 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-S ESD
1212804 PHOENIX-1212804 Datasheet
46Kb / 2P
Diagonal cutter - MICROFOX-S ESD_DB
logo
Weidmuller
9025390000 WEIDMULLER-9025390000 Datasheet
223Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025410000 WEIDMULLER-9025410000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025430000 WEIDMULLER-9025430000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: DIN
September 28, 2021
logo
NXP Semiconductors
SL2ICS53 NXP-SL2ICS53 Datasheet
992Kb / 33P
I•CODE SLI-S/I•CODE SLI-S HC
Rev. 3.0 - 14 March 2007
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com