Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN55022 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # EN55022
Description  PLANON lamp diagonal/colour code combinable ECG type(s)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

EN55022 Datasheet(HTML) 1 Page - OSRAM GmbH

  EN55022 Datasheet HTML 1Page - OSRAM GmbH EN55022 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Information
OSRAM PLANON
®
Edition: 05/2002 - subject to change
Status: preliminary
PLANON 21,3“/863
Technical Information for Systems:
Lamp
Inverter/ECG
Diffuser Set
PLANON 21,3”/863 2-5
+
QT PLANON 21,3”/90/100-240 5 +
D PLANON 21,3”/A
PLANON 21,3”/863 2-5
+
(2x) QT PLANON 15,0”/50/24 2
+
D PLANON 21,3”/A
Explanations/Nomenclature:
Lamp: PLANON lamp diagonal/colour code combinable ECG type(s)
ECG: QT PLANON lamp diagonal/system power/supply voltage ECG type
Product Features PLANON
®
§
flat, mercury free discharge lamp
for extremely flat fixtures < 20 mm
§
lamp size not limited by physical constraints
(5 inch to 30 inch)
§
unique lighting power
wide viewing and illumination angle
constant luminance from centre to edge
§
lamp with integrated reflector
§
mercury free
luminous flux not related to temperature (-30°C to +85°C)
instant light with high luminance
no ramp-on/ramp-off effects (power save mode)
no hazardous waste
§
extreme long lamp life, up to 100,000h
(meantime to half brightness/MTTH)
absence of damage susceptible electrodes
much less severe darkening
§
switching cycles show no influence on lifetime
§
soft illumination with virtually no shadow
§
dimmable down to 20%
Product Features QT PLANON
§
designed for optimising PLANON
®
lamp performance
§
suitable for applications in which lamps are switched on
and off frequently
§
reliable system start-up at low temperatures
§
safe shutdown of the power supply to defective lamps
§
electromagnetic compatibility
§
dimming interface
Flat Panel Light Sources Marketing 05/2002
21,3
“
Control
interface
24 V DC
or 100-240 V AC
Input
Inverter/ECG


Similar Part No. - EN55022

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
EN55022 VICOR-EN55022 Datasheet
347Kb / 12P
ENMods Component Power Front End System for EN Compliance
logo
OSRAM GmbH
EN55022 OSRAM-EN55022 Datasheet
47Kb / 2P
PLANON lamp diagonal/colour code combinable ECG type(s)
logo
Recom International Pow...
EN55022 RECOM-EN55022 Datasheet
123Kb / 2P
4 Watt Single/Dual Output
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
List of Unclassifed Man...
EN55022-B ETC2-EN55022-B Datasheet
122Kb / 3P
Small and compact size
More results

Similar Description - EN55022

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
15Z868 OSRAM-15Z868 Datasheet
47Kb / 2P
PLANON lamp diagonal/colour code combinable ECG type(s)
logo
NTE Electronics
RX1500-16 NTE-RX1500-16 Datasheet
46Kb / 7P
ECG Isopropanol
logo
Weidmuller
0462900000 WEIDMULLER-0462900000 Datasheet
55Kb / 2P
Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code: Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code:
logo
PHOENIX CONTACT
1212207 PHOENIX-1212207 Datasheet
53Kb / 2P
Diagonal cutter - CUTFOX-S VDE
1212480 PHOENIX-1212480 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-S ESD
1212804 PHOENIX-1212804 Datasheet
46Kb / 2P
Diagonal cutter - MICROFOX-S ESD_DB
logo
Weidmuller
9025390000 WEIDMULLER-9025390000 Datasheet
223Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025410000 WEIDMULLER-9025410000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025430000 WEIDMULLER-9025430000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: DIN
September 28, 2021
logo
NXP Semiconductors
SL2ICS53 NXP-SL2ICS53 Datasheet
992Kb / 33P
I•CODE SLI-S/I•CODE SLI-S HC
Rev. 3.0 - 14 March 2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com