Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN55022 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # EN55022
Description  PLANON lamp diagonal/colour code combinable ECG type(s)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

EN55022 Datasheet(HTML) 2 Page - OSRAM GmbH

  EN55022 Datasheet HTML 1Page - OSRAM GmbH EN55022 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Information
OSRAM PLANON
®
Edition: 05/2002 - subject to change
Status: preliminary
PLANON 21,3“/863
Technical Data
PLANON 21,3"/863 2-5
PLANON 21,3"/863 2-5
Outer dimensions (l1 x w1 x h)
452 mm x 353 mm x 8,5 mm
452 mm x 353 mm x 8,5 mm
Illuminated area (l2 x w2)
436 mm x 328 mm
436 mm x 328 mm
Weight
1850 g
1850 g
Colour rendering
Ra86
Ra86
Colour temperature
6300 K
6300 K
Number of cables
6
6
Minimum length of cable
260 mm
260 mm
Contact between lamp and inverter/ECG
clamps
clamps
matched with inverter / ECG
QT PLANON 21,3"/90/100-240 5
(2x)
QT PLANON 15,0”/50/24 2
Centre luminance typical after burn in (100h)
5800 cd/m
2
6000 cd/m
2
Centre luminance typical after burn in (100h)
with standard diffuser set
5000 cd/m
2
5100 cd/m
2
Luminous flux
2200 lm
tbd
System wattage
108 W
113 W
Line current
4,7 A
System efficiency
7,7 cd/W
7,6 cd/W
System lifetime @ 20% fraction failure
50,000 h
50,000 h
Maximum distance between lamp and ECG
50 cm
50 cm
QT PLANON 21,3”/90/100-240 5
QT PLANON 15,0"/50/24 2
Linear dimming range
100...20%
*100...50%
Supply voltage
230V AC
24V DC
Voltage range
100…240V AC
20V...30V DC
Operating frequency
40...80 kHz
40...80 kHz
Harmonic content
IEC 1000-3-2
not applicable
Power factor
0,9 @ 230V, full load
not applicable
Ambient temperature range ta
-20°C...50°C, 80% RH
-20...70°C; 80% RH
Control temperature tc max
tbd
tbd
Dimensions (l x w x h)
211 mm x 132 mm x 33 mm
280 mm x 42 mm x 29 mm
Weight
715 g
350 g
*For making use of the dimming capability of this type a separate potentiometer is necessary.
Safety
acc. to EN 60950 / EN 60950 (in preparation)
Radio interference suppression
acc. to EN 55022, Class B (in preparation)
Immunity to interference
acc. to EN 55024 (in preparation)
Flat Panel Light Sources Marketing 05/2002
Inverter
l
h
w2
l2
l1
w1
metal plate
(thickness
min. 1mm)
lamp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com