Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7135 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7135 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7135
Download  VSC7135 Download
File Size   125.28 Kbytes
Page   16 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 1.25Gbits/sec Gigabit Ethernet Transceiver

VSC7135 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7135 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7135
Download  VSC7135 Click to download

File Size   125.28 Kbytes
Page   16 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 1.25Gbits/sec Gigabit Ethernet Transceiver

VSC7135 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7135 Product details

General Description
The VSC7135 is a 1.25Gb/s Ethernet Transceiver optimized for Gigabit Ethernet or 1000Base-X applications. It accepts 10-bit 8B/10B encoded transmit data, latches it on the rising edge of REFCLK and serializes it onto the TX PECL differential outputs at a baud rate which is ten times the REFCLK frequency. The VSC7135 also samples serial receive data on the RX PECL differential inputs, recovers the clock and data, deserializes it onto the 10-bit receive data bus, outputs two recovered clocks at one-twentieth of the incoming baud rate and detects “Comma” characters. The VSC7135 contains on-chip PLL circuitry for synthesis of the baud-rate transmit clock, and extraction of the clock from the received serial stream. These circuits are fully monolithic and require no external components.
   
Features
• Gigabit Ethernet Transceiver @ 1.25Gb/s
• Compliant to IEEE 802.3Z PMA
• TTL Interface Compatible to PMA-TBI
• Monolithic Clock Synthesis and Clock
    Recovery - No External Components
• 125MHz TTL Reference Clock
• Low Power Operation - 700 mW
• Suitable for Both Coaxial or Optical Link
    Applications
• 64 Pin, 14mm or 10mm Standard PQFP
• Single +3.3V Supply
   




Similar Part No. - VSC7135

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132YB VITESSE-VSC7132YB Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133QU VITESSE-VSC7133QU Datasheet
304Kb / 18P
10-bit Transceiver for Fibre Channel and Gigabit Ethernet
More results


Similar Description - VSC7135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
Gigabit Ethernet Transceiver Macrocell
March 2000
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
Gigabit Ethernet Transceiver Chip
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Texas Instruments
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
SERDES Gigabit Ethernet Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com