Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7745 Datasheet (PDF) - Analog Devices

AD7745 Datasheet PDF - Analog Devices
Part # AD7745
Download  AD7745 Download
File Size   779.53 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit Capacitance-to-Digital Converter with Temperature Sensor

AD7745 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7745 Datasheet PDF - Analog Devices

Part # AD7745
Download  AD7745 Click to download

File Size   779.53 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit Capacitance-to-Digital Converter with Temperature Sensor

AD7745 Datasheet (HTML) - Analog Devices


AD7745 Product details

GENERAL DESCRIPTION
The AD7745/AD7746 are a high resolution, Σ-Δ capacitance-to-digital converter (CDC). The capacitance to be measured is connected directly to the device inputs. The architecture features inherent high resolution (24-bit no missing codes, up to 21-bit effective resolution), high linearity (±0.01%), and high accuracy (±4 fF factory calibrated). The AD7745/AD7746 capacitance input range is ±4 pF (changing), while it can accept up to 17 pF common-mode capacitance (not changing), which can be balanced by a programmable on-chip, digital-tocapacitance converter (CAPDAC).

FEATURES
   Capacitance-to-digital converter
      New standard in single chip solutions
      Interfaces to single or differential floating sensors
      Resolution down to 4 aF (that is, up to 21 ENOB)
      Accuracy: 4 fF
      Linearity: 0.01%
      Common-mode (not changing) capacitance up to 17 pF
      Full-scale (changing) capacitance range: ±4 pF
      Tolerant of parasitic capacitance to ground up to 60 pF
      Update rate: 10 Hz to 90 Hz
      Simultaneous 50 Hz and 60 Hz rejection at 16 Hz
   Temperature sensor on-chip
      Resolution: 0.1°C, accuracy: ±2°C
   Voltage input channel
   Internal clock oscillator
   2-wire serial interface (I2C®-compatible)
   Power
      2.7 V to 5.25 V single-supply operation
      0.7 mA current consumption
   Operating temperature: –40°C to +125°C
   16-lead TSSOP package

APPLICATIONS
   Automotive, industrial, and medical systems for
      Pressure measurement
      Position sensing
      Level sensing
      Flowmeters
      Humidity sensing
      Impurity detection




Similar Part No. - AD7745

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7745ARUZ AD-AD7745ARUZ Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ-REEL AD-AD7745ARUZ-REEL Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ-REEL7 AD-AD7745ARUZ-REEL7 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results


Similar Description - AD7745

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7747 AD-AD7747 Datasheet
205Kb / 20P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
12-Bit Capacitance-to-Digital Converter
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
24-Bit Capacitance-to-Digital Converter
Rev. 0
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com