Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2525 Datasheet (PDF) - List of Unclassifed Manufacturers

DP2525 Datasheet PDF - List of Unclassifed Manufacturers
Part # DP2525
Download  DP2525 Download
File Size   490.22 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Cost Primary Side Regulation(PSR) PWM Power Switch

DP2525 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP2525 Datasheet PDF - List of Unclassifed Manufacturers

Part # DP2525
Download  DP2525 Click to download

File Size   490.22 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Cost Primary Side Regulation(PSR) PWM Power Switch

DP2525 Datasheet (HTML) - List of Unclassifed Manufacturers


DP2525 Product details

FEATURES
 Low Cost Solution Buil-in 800V power BJT
 Multi-Mode PSR Control
 Audio Noise Free Operation
 ±4% CC and CV Regulation
 Optimized Dynamic Response
 Low Standby Power <100mW
 Programmable Cable Drop Compensation
(CDC) in CV Mode
 Built-in AC Line & Load CC Compensation
 Build in Protections:
 Short Load Protection (SLP)
 Cycle-by-Cycle Current Limiting
 Leading Edge Blanking (LEB)
 Pin Floating Protection
 VDD OVP & UVP & Clamp
 Available with DP2525 Versions in SOP-7
Package

APPLICATIONS
 Battery Chargers for Cellular Phones
 AC/DC Power Adapter and LED Lightings

GENERAL DESCRIPTION
DP2525 is a low cost and high performance
Primary Side Regulation (PSR) controller for
offline small power converter applications which
can provide very tight output voltage regulation
(CV) and output current control (CC) ideal for
charging applications.
In CV mode, DP2525 adopts Multi Mode Control
which uses the hybrid of AM (Amplitude
Modulation) mode and (Frequency Modulation)
FM mode to improve system efficiency and
reliability. In CC mode, the IC uses PFM control
with line and load CC compensation. The IC can
achieve audio noise free operation and optimized
dynamic response. The built-in Cable Drop
Compensation (CDC) function can provide
excellent CV performance.
DP2525 integrates functions and protections of
Under Voltage Lockout (UVLO), VDD over Voltage
Protection (VDD OVP), Cycle-by-cycle Current
Limiting (OCP), Short Load Protection (SLP), Pin
Floating Protection, VDD Clamping, etc.




Similar Part No. - DP2525

ManufacturerPart #DatasheetDescription
logo
Shenzhen Developer Micr...
DP2525F DEPUW-DP2525F Datasheet
1Mb / 11P
Quasi-Resonant PSR CC/CV PWM Power Switch
Rev.1.1
More results


Similar Description - DP2525

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
Primary-Side-Regulation PWM Controller (PWM-PSR)
AN-6067 FAIRCHILD-AN-6067 Datasheet
939Kb / 21P
Design and Application of Primary-Side Regulation (PSR) PWM Controller
logo
Unisonic Technologies
US1651 UTC-US1651 Datasheet
178Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
US1652 UTC-US1652 Datasheet
169Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Unisonic Technologies
USR1652 UTC-USR1652 Datasheet
167Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
logo
List of Unclassifed Man...
OB2211 ETC2-OB2211 Datasheet
343Kb / 11P
Primary-Side Regulation PWM Power Switch
logo
Shaoxing Devechip Micro...
SDC3106 SDC-SDC3106 Datasheet
391Kb / 12P
Low-Power Primary Side Regulation Power Switch
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com