Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2525 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DP2525
Description  Low Cost Primary Side Regulation(PSR) PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DP2525 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DP2525 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DP2525
Low Cost Primary Side Regulation(PSR) PWM Power Switch
10/11
Rev.2.0
shown in Fig.6
Fig.6
Short Load Protection (SLP)
In DP2525, the output is sampled on FB pin and
then compared with a threshold of UVP (0.6V
typically) after an internal blanking time (10ms
typical).
In DP2525, when sensed FB voltage is below 0.6V,
the IC will enter into Short Load Protection (SLP)
mode, in which the IC will enter into auto recovery
protection mode.
VDD Over Voltage Protection (OVP) and
Zener Clamp
When VDD voltage is higher than 27.5V (typical),
the IC will stop switching. This will cause VDD fall
down to be lower than VDD_OFF (typical 6.5V) and
then the system will restart up again. An internal
30V (typical) zener clamp is integrated to prevent
the IC from damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com