Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2525 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DP2525
Description  Low Cost Primary Side Regulation(PSR) PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DP2525 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DP2525 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2525 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DP2525
Low Cost Primary Side Regulation(PSR) PWM Power Switch
3/11
Rev.2.0
Block Diagram
Ordering Information
Part Number
Output Power(W)
@230V
± 15%(
Output Power (W)
@90-264V(
Description
DP2525A
3.5
2.5
SOP-7
,Halogen
free,2500Pcs/Reel
DP2525B
6
4.5
DP2525C
7.5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com