Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72401L45DG Datasheet (PDF) - Renesas Technology Corp

72401L45DG Datasheet PDF - Renesas Technology Corp
Part # 72401L45DG
Download  72401L45DG Download
File Size   320.47 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS PARALLEL FIFO

72401L45DG Datasheet (PDF)

Go To PDF Page Download Datasheet
72401L45DG Datasheet PDF - Renesas Technology Corp

Part # 72401L45DG
Download  72401L45DG Click to download

File Size   320.47 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS PARALLEL FIFO

72401L45DG Datasheet (HTML) - Renesas Technology Corp


72401L45DG Product details

FEATURES:
• First-ln/First-Out Dual-Port memory
• 64 x 4 organization (IDT72401/72403)
• RAM-based FIFO with low falI-through time
• Low-power consumption
— Active: 175mW (typ.)
• Maximum shift rate — 45MHz
• High data output drive capability
• Asynchronous and simultaneous read and write
• Fully expandable by bit width
• Fully expandable by word depth
• IDT72403 have Output Enable pin to enable output data
• High-speed data communications applications
• High-performance CMOS technology
• Available in CERDIP, plastic DIP and SOIC
• Military product compliant to MlL-STD-883, Class B
• Standard Military Drawing #5962-86846 and
5962-89523 is listed on this function.
• Green parts available, see ordering information




Similar Part No. - 72401L45DG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
72401 ETC2-72401 Datasheet
170Kb / 1P
Wiha Sockets
More results


Similar Description - 72401L45DG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
CMOS SUPERSYNC FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
CMOS SuperSync FIFO
logo
Texas Instruments
CD40105BE TI-CD40105BE Datasheet
441Kb / 9P
CMOS FIFO REGISTER
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
logo
Texas Instruments
CD40105B TI1-CD40105B_15 Datasheet
451Kb / 9P
CMOS FIFO register
logo
Integrated Device Techn...
IDT72125 IDT-IDT72125_16 Datasheet
246Kb / 11P
CMOS PARALLEL-TO-SERIAL FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com