Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72605L35J Datasheet (PDF) - Renesas Technology Corp

72605L35J Datasheet PDF - Renesas Technology Corp
Part # 72605L35J
Download  72605L35J Download
File Size   490.48 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SyncBiFIFOTM

72605L35J Datasheet (PDF)

Go To PDF Page Download Datasheet
72605L35J Datasheet PDF - Renesas Technology Corp

Part # 72605L35J
Download  72605L35J Click to download

File Size   490.48 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SyncBiFIFOTM

72605L35J Datasheet (HTML) - Renesas Technology Corp


72605L35J Product details

FEATURES:
• Two independent FIFO memories for fully bidirectional data
transfers
• 256 x 18 x 2 organization (IDT72605)
• 512 x 18 x 2 organization (IDT72615)
• Synchronous interface for fast (20ns) read and write cycle times
• Each data port has an independent clock and read/write control
• Output enable is provided on each port as a three-state control
of the data bus
• Built-in bypass path for direct data transfer between two ports
• Two fixed flags, Empty and Full, for both the A-to-B and the Bto-
A FIFO
• Programmable flag offset can be set to any depth in the FIFO
• The synchronous BiFIFO is packaged in a 64-pin TQFP (Thin
Quad Flatpack) and 68-pin PLCC
• Industrial temperature range (–40°C to +85°C)
• Green parts available, see ordering information




Similar Part No. - 72605L35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72605L35J IDT-72605L35J Datasheet
322Kb / 17P
CMOS SyncBiFIFOTM
More results


Similar Description - 72605L35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
CMOS SyncBiFIFOTM WITH BUS-MATCHING
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
3.3 VOLT CMOS SyncBiFIFOTM
IDT72605 IDT-IDT72605_13 Datasheet
322Kb / 17P
CMOS SyncBiFIFOTM
IDT723652 IDT-IDT723652_09 Datasheet
232Kb / 29P
CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
IDT723612 RENESAS-IDT723612 Datasheet
611Kb / 26P
CMOS SyncBiFIFOTM 64 x 36 x 2
FEBRUARY 2009
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
IDT723652 RENESAS-IDT723652 Datasheet
703Kb / 30P
CMOS SyncBiFIFOTM
FEBRUARY 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com