Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT11004V Datasheet (PDF) - LETEX TECHNOLOGY CORP.

LT11004V Datasheet PDF - LETEX TECHNOLOGY CORP.
Part # LT11004V
Download  LT11004V Download
File Size   505.25 Kbytes
Page   4 Pages
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.
Description High capacity in a slim SIL package

LT11004V Datasheet (PDF)

Go To PDF Page Download Datasheet
LT11004V Datasheet PDF - LETEX TECHNOLOGY CORP.

Part # LT11004V
Download  LT11004V Click to download

File Size   505.25 Kbytes
Page   4 Pages
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.
Description High capacity in a slim SIL package

LT11004V Datasheet (HTML) - LETEX TECHNOLOGY CORP.


LT11004V Product details

GENERAL DESCRIPTION:
1. High capacity type power PhotoMOS.
Can switch a wide range of currents and voltages. Can control
various types of loads, from very small loads to a max. 4.5A AC/DC
current for sequencers, motors, and lamps.
2. Low on-resistance and high sensitivity.
Low on-resistance of less than Typ. 0.035.
High sensitivity LED operate current of Typ. 3 mA.
3. AC/DC dual use
Bi-directional control is possible. There is no need to differentiate
depending on the load as was necessary with the conventional
FEATURES:
 Optically isolated
 Low On - state resistance
 Low input power consumption
 MOSFET output thyristor
 Ultra slim and light weight, Sil terminals type for high
density mounting:
 --Size:5.4(W) x 20.3(L) x 12.6(H) mm;
 --Weight: approximately 3.0g
APPLICATIONS:
 Temperature control system
 Industrial automatic control
 Lighting system
 Office appliance
 Factory appliance
 Traffic signals
 Measuring instruments
 Industrial machines
 Mercury relay replacement




Similar Part No. - LT11004V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
logo
Linear Integrated Syste...
LT1101 LINEAR-LT1101 Datasheet
238Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Turck, Inc.
LT1101 TURCK-LT1101 Datasheet
727Kb / 3P
EZ-Track Linear Displacement Transducer – Analog
11/07/2023
logo
Linear Technology
LT1101AC LINER-LT1101AC Datasheet
922Kb / 12P
Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
More results


Similar Description - LT11004V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VTC1 ETC-VTC1 Datasheet
127Kb / 2P
High Performance in a 5x7 package
logo
Hitachi Semiconductor
HD66113T HITACHI-HD66113T Datasheet
76Kb / 20P
(120-Channel Common Driver Packaged in a Slim Tape Carrier Package)
logo
Panasonic Semiconductor
AEP25012 PANASONIC-AEP25012 Datasheet
230Kb / 8P
HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
Up to 30 A switching capacity in compact package.
logo
Panasonic Semiconductor
AQZ264 PANASONIC-AQZ264 Datasheet
648Kb / 3P
High capacity up to 6A in a slim SIL package
logo
Omron Electronics LLC
G5NB-EL OMRON-G5NB-EL Datasheet
250Kb / 4P
A slim compact Relay with 7 A switching capacity
logo
Panasonic Semiconductor
AQV252G3S PANASONIC-AQV252G3S Datasheet
168Kb / 5P
High capacity in a miniature SOP package
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
High current capacity in compact package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com