Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT11004V Datasheet(PDF) 2 Page - LETEX TECHNOLOGY CORP.

Part # LT11004V
Description  High capacity in a slim SIL package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT11004V Datasheet(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LT11004V Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT11004V Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT11004V Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LT11004V Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Letex Technology Corp.
High capacity in a slim SIL package
Electrical Characteristics
(Ambient temperature: 25C)
Item
Symbol
LT11004V(F)
Unit
Condition
Input
LED Operate Current
Typical
IFon
1.0
mA
IL = 100 mA
VL = 10 V
Maximum
3.0
mA
LED Turn off Current
Minimum
IFoff
0.4
mA
IL = 100 mA
VL = 10 V
Typical
0.9
mA
LED Dropout Voltage
Typical
VF
1.25
V
IF = 50 mA
Maximum
1.5
V
Output
On resistance
Typical
Ron
0.035
Ω
IF = 10 mA
IL = Max. Within 1 s
Maximum
0.06
Ω
Off state leakage current
Maximum
ILeak
10
μA
IF = 0 mA VL = Max.
Transfer
characteristics
Turn on time*
Typical
Ton
0.8
ms
IF = 10 mA
IL = 100 mA
VL = 10 V
Maximum
3.0
ms
Turn off time*
Typical
Toff
0.1
ms
IF = 10 mA
IL = 100 mA
VL = 10 V
Maximum
1.0
ms
I/O capacitance
Typical
Ciso
0.8
pF
f = 1 MHz
VB = 0 V
Maximum
1.5
pF
Initial I/O isolation resistance Minimum
Riso
1000
MΩ
500 V DC
Max. operating frequency
Maximum
---
0.5
cps
IF = 10 mA
Duty factor = 50%
IL = Max., VL = Max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com