Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT11004V Datasheet(PDF) 3 Page - LETEX TECHNOLOGY CORP.

Part # LT11004V
Description  High capacity in a slim SIL package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT11004V Datasheet(HTML) 3 Page - LETEX TECHNOLOGY CORP.

  LT11004V Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT11004V Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT11004V Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LT11004V Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Letex Technology Corp.
High capacity in a slim SIL package
Dimensions (Unit:mm))
LT1OOOOV
LT1OOOOV (F)
P.C.B Layout (Bottom View)( Unit:mm)
LT1 OOOOV
LT1 OOOOV (F)
20.3 m a x.
2-0.8
0.3
2.54
10.16
1.1
2-0.8
0.3
5.08
5.4 m a x.
0.213 m a x.
20.3 m a x.
2-0.8
0.3
2.54
8.89
1.1
2-0.8
0.3
5.08
5.4 m a x.
3.55
0.213 m a x.
2.54
4- 1.2
10.16
5.08
2.54
4- 1.2
8.89
5.08



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com